Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE3510M04-A Datasheet(PDF) 4 Page - California Eastern Labs

No. de pieza NE3510M04-A
Descripción Electrónicos  HETERO JUNCTION FIELD EFFECT TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NE3510M04-A Datasheet(HTML) 4 Page - California Eastern Labs

  NE3510M04-A Datasheet HTML 1Page - California Eastern Labs NE3510M04-A Datasheet HTML 2Page - California Eastern Labs NE3510M04-A Datasheet HTML 3Page - California Eastern Labs NE3510M04-A Datasheet HTML 4Page - California Eastern Labs NE3510M04-A Datasheet HTML 5Page - California Eastern Labs NE3510M04-A Datasheet HTML 6Page - California Eastern Labs NE3510M04-A Datasheet HTML 7Page - California Eastern Labs NE3510M04-A Datasheet HTML 8Page - California Eastern Labs NE3510M04-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet PG10676EJ01V0DS
4
NE3510M04
Input Power Pin (1 tone) (dBm)
GATE CURRENT vs. INPUT POWER
OUTPUT POWER, GAIN, DRAIN CURRENT,
vs. INPUT POWER
OUTPUT POWER, IM3, DRAIN CURRENT
Input Power Pin (1 tone) (dBm)
20
0
1
5
5
10
5
1
5
0
1
20
15
5
0
–5
–10
10
Pout (1 tone)
IG
Gain
ID
60
50
40
30
20
10
0
f = 4 GHz, VDS = 2V
ID = 15 mA set (Non-RF)
0
0
4
–10
0
1
0
2
0
3
30
20
–10
–20
–30
–40
–50
–60
–70
10
0
f = 4 GHz, VDS = 2V
ID = 15 mA set (Non-RF)
Pout
IM3 (L)
IM3 (H)
IIP3 = +4 dBm
ID
50
45
40
35
30
25
20
15
10
5
0
OIP3 = +20 dBm
Remark The graphs indicate nominal characteristics.


Número de pieza similar - NE3510M04-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
NE3510M04-T2 RENESAS-NE3510M04-T2 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3510M04-T2B RENESAS-NE3510M04-T2B Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Descripción similar - NE3510M04-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32984D RENESAS-NE32984D Datasheet
207Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1995
NE350184C RENESAS-NE350184C Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com