Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STAC9250D5TAEYY Datasheet(PDF) 10 Page - Integrated Device Technology

No. de pieza STAC9250D5TAEYY
Descripción Electrónicos  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250D5TAEYY Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button STAC9250D5TAEYY Datasheet HTML 6Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 7Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 8Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 9Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 10Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 11Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 12Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 13Page - Integrated Device Technology STAC9250D5TAEYY Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
10
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
1.3.
Description
The STAC9250/9251 are high fidelity, 2-channel audio CODECs compatible with the Intel High Defi-
nition (HD) Audio Interface. The STAC9250/92511 provide high quality, HD Audio capability to note-
book and cost sensitive desktop PC applications.
The STAC9250/9251 incorporate IDT's proprietary
Σ∆ technology to achieve a DAC SNR of 100dB.
The higher performance and quality of IDT’s audio solutions brings consumer electronics level per-
formance to the notebook, desktop and media center PC.
The STAC9250/9251 provide stereo 24-bit, full duplex resolution supporting sample rates up to
192 KHz by the DAC and ADC. The STAC9250/9251 SPDIF In/Out support sample rates of 96 KHz,
48 KHz and 44.1 KHz plus SPDIF_OUT supports 88.2 KHz. Additional sample rates are supported
by the driver software.
The STAC9250/9251 supports flexible configurations including switchable Headphone Out and Uni-
versal Jacks™ functionality for jack detection and re-tasking. The SPDIF interface provides connec-
tivity to Consumer Electronic equipment like Dolby Digital decoders, powered speakers, mini-disk
drives or to a home entertainment system. All analog I/O pairs support LINE_IN, LINE_OUT and
MIC.
MIC inputs can be programmed with 0/10/20/30/40dB boost. For more advanced configurations, the
STAC9250/9251 have four General Purpose I/O (GPIO) pins. The STAC9250/9251 also provide a
single ended CD input for compatibility with DRM solutions and to support legacy OS issues.
The STAC9250/9251 integrate a headphone amplifier, which is available on Ports A and D. The
headphone amplifier is switchable between these two outputs for increased flexibility, enhanced user
experience, and reduced implementation costs.
The Universal Jack capabilities allow the CODECs to detect when audio devices are connected, and
allow the CODECs to be reconfigured to support these devices regardless of which port they are
connected to. SPDIF input sensing is also supported. The fully parametric IDT SoftEQ can be initi-
ated upon headphone jack insertion and removal for protection of notebook speakers.
Note: The Jack Detect circuit and component selection are critical for accurate detection of audio
jacks on individual ports. Please see the IDT STAC9250/9251 reference design for circuit
implementation details.
The STAC9250/9251 operate with a 3.3 V digital supply and a 3.3 V, 4 V, and 5 V analog supply.
The STAC9250/9251 are available in a 48-pin LQFP Environmental (ROHS) package.


Número de pieza similar - STAC9250D5TAEYY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Descripción similar - STAC9250D5TAEYY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com