Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA42032 Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LA42032
Descripción Electrónicos  Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42032 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA42032 Datasheet HTML 1Page - Sanyo Semicon Device LA42032 Datasheet HTML 2Page - Sanyo Semicon Device LA42032 Datasheet HTML 3Page - Sanyo Semicon Device LA42032 Datasheet HTML 4Page - Sanyo Semicon Device LA42032 Datasheet HTML 5Page - Sanyo Semicon Device LA42032 Datasheet HTML 6Page - Sanyo Semicon Device LA42032 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LA42032
No.A0855-6/7
Supply voltage, VCC –V
Output power, PO –W
Response – f
Frequency, f – Hz
CHSep. – f
MUTE ATT – Mute Pin
Frequency, f – Hz
Mute contorol pin voltage –
Ω
Frequency, f – Hz
Supply voltage, VCC –V
ICCO – VCC
Resistance for signal generation, Rg –
Ω
VNO – Rg
PO – VCC
THD – PO
THD – f
0
20
40
60
80
100
120
140
04
26
8
10
12
14
16
RL = open
Rg = 0
0
2
4
6
8
10
12
12
10
14
68
416
Rg = 600
Ω
f = 1kHz
THD = 10%
0.01
0.1
2
3
5
7
1
2
3
5
7
2
3
5
7
10
0.1
23
5
7
23
5
7
110
VCC = 9V
RL = 8Ω
Rg = 600
Ω
1kHz
10kHz
100Hz
0.01
2
3
5
7
2
3
5
7
0.1
1
1k
10k
2 3
57
2 3
57
2 3
57
2 3
57
100
10
100k
VCC = 9V
RL = 8Ω
Rg = 600
Ω
PO = 1W
– 10
– 8
– 6
– 4
– 2
0
2
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
100k
VCC = 9V
RL = 8Ω
Rg = 600
Ω
VO = 0dBm
2 3
57
2 3
57
2 3
57
2 3
57
100
1k
10k
– 70
– 60
– 50
– 40
– 30
– 20
– 10
0
10
100k
VCC = 9V
RL = 8Ω
VO = 0dBm
Rg = 10k
Ω
CH1
→2
CH2
→1
0
0.4
100
23
5
7
23
5
7
23
5
7
1k
10k
100k
0.1
0.2
0.3
VCC = 9V
RL = 8Ω
DIN AUDIO
0
0.5
0.9
0.7
1.1
1.3
1.5
1.7
– 100
– 80
– 60
– 40
– 20
VCC = 9V
RL = 8Ω
DIN AUDIO


Número de pieza similar - LA42032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
More results

Descripción similar - LA42032

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA4917H SANYO-LA4917H Datasheet
96Kb / 8P
   Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com