Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA42210 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LA42210
Descripción Electrónicos  Monolithic Linear IC Audio Output for TV application BTL 10W2ch Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42210 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA42210 Datasheet HTML 1Page - Sanyo Semicon Device LA42210 Datasheet HTML 2Page - Sanyo Semicon Device LA42210 Datasheet HTML 3Page - Sanyo Semicon Device LA42210 Datasheet HTML 4Page - Sanyo Semicon Device LA42210 Datasheet HTML 5Page - Sanyo Semicon Device LA42210 Datasheet HTML 6Page - Sanyo Semicon Device LA42210 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA42210
No.A0660-3/7
Block Diagram
Test Circuit
* Pin 8 : NC. This pin must be left open.
* Pins 1 and 15 are connected to the heat sink. They must be connected to power and ground.
Pin Voltage
Conditions : VCC = 13V, STBY = 5V
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Pin
GND
(H.S)
Ripple
Filter
IN1
Pre
GND
IN2
STBY
Mute
N.C.
VCC +OUT2 Power
GND
-OUT2 -OUT1 +OUT1 GND
(H.S)
Pin voltage
(V)
0
12.7
1.5
0
1.5
5
0
-
13
6.6
0
6.6
6.6
6.6
0
Ripple
Filter
Input amplifier
Input amplifier
Output amplifier
Output amplifier
VCC/ground shorting protection circuit
Load shorting protection circuit
Thermal protection circuit
VCC
Standby
MUTE
IN2
PRE
GND
PWR
GND
+OUT1
-OUT1
+OUT2
-OUT2
IN1
2
3
14
9
6
13
11
7
4
5
Ri=
30k
Ω
10
12
Ri=
30k
Ω
IN1
Ripple
Filter
PRE
GND
PWR
GND
GND
(H.S)
GND
(H.S)
IN2
STBY MUTE
+OUT2
+OUT1
-OUT2 -OUT1
VCC
+
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
C4
10
μF
/6.3V
C5
0.1
μF
C2
0.47
μF
C1
0.47
μF
C3
100
μF
/25V
+5V
RL = 8Ω
RL = 8Ω
R1
15k
Ω
+
C6
470
μF
/25V
+VCC
LA42210


Número de pieza similar - LA42210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
   3.5W AF POWER AMP
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results

Descripción similar - LA42210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA4919N SANYO-LA4919N Datasheet
79Kb / 6P
   Monolithic Linear IC Two-Channel 10W BTL High-Efficiency TV Audio Output Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ_06 Datasheet
879Kb / 12P
   42W BTL 횞 2CH Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com