Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA76835NM Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LA76835NM
Descripción Electrónicos  Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76835NM Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA76835NM_07 Datasheet HTML 1Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 2Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 3Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 4Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 5Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 6Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 7Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 8Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
LA76835NM
No.7962-3/50
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
AUDIO block
Maximum gain
AGMAX
1kHz, Volume = “127”
-3.0
0.0
3.0
dB
Variable range
ARANGE
1kHz, Volume = “0”
60
70
dB
Frequency characteristics
AF
20kHz, Volume = “127”
-3.0
0.0
3.0
dB
Mute
AMUTE
1kHz, AUDIO MUTE = “1”
70
75
dB
Distortion
ATHD
1kHz, Volume = “127”
0.5
%
S/N
ASN
DIN.Audio
60
65
dB
Crosstalk
ACT
1kHz, AUDIO SW = “0”
70
75
dB
Chroma block
ACC amplitude characteristics 1
ACCM1_N
Input: +6dB/0dB 0dB = 40IRE
0.8
1.0
1.2
Ratio
ACC amplitude characteristics 2
ACCM2_N
Input: -14dB/0dB
0.7
1.0
1.1
Ratio
B-Y/Y amplitude ratio
CLRBY
100
130
170
%
1
CLRMN
Color MAX/CEN
1.6
1.8
2.2
Ratio
Color control
characteristics
2
CLRMM
Color MAX/MIN
30
45
70
dB
Color control sensitivity
CLRSE
1
1.4
4
%/bit
Tint center
TINCEN
-10
0
10
deg
MAX
TINMAX
40
50
deg
Tint control
MIN
TINMIN
-50
-40
deg
Tint control sensitivity
TINSE
1.4
1.55
1.7
deg
Tint dependence on color L
CLRPL
-3.0
0
3
deg
Tint dependence on color H
CLRPH
-3.0
0
3
deg
Demodulation output ratio
R-Y/B-Y
RB
R-Y/B-Y_GainBalance_DAC,
R-Y/B-Y_Angle_DAC = Center
0.75
0.85
0.95
Ratio
Demodulation output ratio
G-Y/B-Y
GB
R-Y/B-Y_GainBalance_DAC,
R-Y/B-Y_Angle_DAC = Center
0.20
0.30
0.40
Ratio
Demodulation angle R-Y/B-Y
ANGRB1
R-Y/B-Y_Angle_DAC = Center
95
105
115
deg
Demodulation angle
R-Y/B-Y control 1
ANGRB2
R-Y/B-Y_Angle_DAC = Maximum
105
115
deg
Demodulation angle
R-Y/B-Y control 2
ANGRB3
R-Y/B-Y_Angle_DAC = Minimum
95
105
deg
Demodulation angle G-Y/B-Y
ANGGB1
R-Y/B-Y_Angle_DAC = Center
-128
-118
-108
deg
Demodulation angle
G-Y/B-Y control
ANGGB2
G-Y_Angle_DAC = 1
-117
-107
-97
deg
Killer operating point 2
KILL
0dB = 40IRE, ColorKiller ope. = 2
-31
-25
-21
dB
Killer operating point 4
KILL4
0dB = 40IRE, ColorKiller ope. = 4
-33
-27
-22
dB
Killer operating point difference
D_KILL
KILL-KILL4
0.5
2
5
dB
Chroma VCO free-running
frequency
CVCOF
-320
0
320
Hz
APC pull-in range (+)
PLINPO
350
Hz
APC pull-in range (-)
PLINNO
-350
Hz
Static phase error +
SPER_P
Fsc: +200Hz
-15
-5
0
deg
Static phase error -
SPER_N
Fsc: -200Hz
0
5
15
deg
fsc output amplitude
C_FSC
reference data
300
mVp-p
Residual higher harmonic level B
E_CAR_B
300
mVp-p
Residual higher harmonic level R
E_CAR_R
300
mVp-p
Residual higher harmonic level G
E_CAR_G
300
mVp-p
C-BPF1A (3.08MHz)
CBP308
Reference: 3.48MHz
-5.0
-1.5
0.0
dB
C-BPF1B (3.88/3.28MHz)
CBP03
Reference: 3.28MHz
-2.0
0.0
2.0
dB
C-BPF1C (4.08/3.08MHz)
CBP05
Reference: 3.08MHz
-3
0
3
dB
Continued on next page.


Número de pieza similar - LA76835NM_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
More results

Descripción similar - LA76835NM_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV76213A2F SANYO-LV76213A2F Datasheet
586Kb / 45P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76213A2C SANYO-LV76213A2C Datasheet
572Kb / 44P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106F SANYO-LV766106F Datasheet
548Kb / 41P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116F SANYO-LV766116F Datasheet
565Kb / 43P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106C SANYO-LV766106C Datasheet
546Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116C SANYO-LV766116C Datasheet
552Kb / 42P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76223A3F SANYO-LV76223A3F Datasheet
603Kb / 47P
   For PAL/NTSC/SECAM Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
logo
Mitsubishi Electric Sem...
M52778SP MITSUBISHI-M52778SP Datasheet
310Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Renesas Technology Corp
M52778SP RENESAS-M52778SP Datasheet
14Mb / 38P
   VIF,SIF,VIDEO,CHROMA,DEFLECTION FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com