Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11691H Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LB11691H
Descripción Electrónicos  Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11691H Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB11691H Datasheet HTML 1Page - Sanyo Semicon Device LB11691H Datasheet HTML 2Page - Sanyo Semicon Device LB11691H Datasheet HTML 3Page - Sanyo Semicon Device LB11691H Datasheet HTML 4Page - Sanyo Semicon Device LB11691H Datasheet HTML 5Page - Sanyo Semicon Device LB11691H Datasheet HTML 6Page - Sanyo Semicon Device LB11691H Datasheet HTML 7Page - Sanyo Semicon Device LB11691H Datasheet HTML 8Page - Sanyo Semicon Device LB11691H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LB11691H
No.8314-5/21
Three-phase logic truth table
(1)120
° (HSEL = “L”)
F/R = “L”
F/R = “H”
IN1
IN2
IN3
IN1
IN2
IN3
Upper side gate
Lower side gate
HP
1
H
L
H
L
H
L
VH
UL
H
2
H
L
L
L
H
H
WH
UL
L
3
H
H
L
L
L
H
WH
VL
H
4
L
H
L
H
L
H
UH
VL
L
5
L
H
H
H
L
L
UH
WL
H
6
L
L
H
H
H
L
VH
WL
L
(2)60
° (HSEL = “H”)
F/R = “L”
F/R = “H”
IN1
IN2
IN3
IN1
IN2
IN3
Upper side gate
Lower side gate
HP
1
H
H
H
L
L
L
VH
UL
H
2
L
H
H
H
L
L
WH
UL
L
3
L
L
H
H
H
L
WH
VL
H
4
L
L
L
H
H
H
UH
VL
L
5
H
L
L
L
H
H
UH
WL
H
6
H
H
L
L
L
H
VH
WL
L
• The condition with the upper gate = VH and the lower gate = UL corresponds to a state in which the upper FET is
turned ON when the VH pin is connected and the lower FET is turned ON when the UL pin is connected.
• The HP output is an open collector output. Therefore, “H” level corresponds to an open state.
Pin Assignment
19
RC
20
CSD
21
FAIL
22
HP
23
CP2
24
CP1
25
LVS
26
V5
27
V12
28
VCC
29
VB
30
GND
31
RFGND
32
RF
33
(NC)
34
WL
35
WOUT
36
WH
18
FV
17
PWM
16
TOC
15
EI-
14
EI+
13
(NC)
12
F/R
11
HSEL
10
RES
Top view
9
IN3
8
IN2
7
IN1
6
UH
5
UOUT
4
UL
3
VH
2
VOUT
1
VL
LB11691H


Número de pieza similar - LB11691H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results

Descripción similar - LB11691H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com