Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F1964A Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LC87F1964A
Descripción Electrónicos  CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1964A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC87F1964A Datasheet HTML 1Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 2Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 3Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LC87F1964A
No.A0496-5/28
Package Dimensions
unit : mm (typ)
3163B
Package Dimensions
unit : mm (typ)
3156A
SANYO : QIP48E(14X14)
14.0
17.2
0.15
0.35
1.0
(1.5)
1
12
13
24
25
36
37
48
SANYO : SQFP48(7X7)
7.0
9.0
0.15
0.18
0.5
(0.75)
112
13
24
25
36
37
48


Número de pieza similar - LC87F1964A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F17C8A ONSEMI-LC87F17C8A Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
LC87F17C8AUWA-2H ONSEMI-LC87F17C8AUWA-2H Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
More results

Descripción similar - LC87F1964A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1D64A SANYO-LC87F1D64A Datasheet
197Kb / 29P
   CMOS IC FROM 64K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com