Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72725KM Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC72725KM
Descripción Electrónicos  CMOS IC RDS(RBDS) Demodulation IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72725KM Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC72725KM Datasheet HTML 1Page - Sanyo Semicon Device LC72725KM Datasheet HTML 2Page - Sanyo Semicon Device LC72725KM Datasheet HTML 3Page - Sanyo Semicon Device LC72725KM Datasheet HTML 4Page - Sanyo Semicon Device LC72725KM Datasheet HTML 5Page - Sanyo Semicon Device LC72725KM Datasheet HTML 6Page - Sanyo Semicon Device LC72725KM Datasheet HTML 7Page - Sanyo Semicon Device LC72725KM Datasheet HTML 8Page - Sanyo Semicon Device LC72725KM Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LC72725KM, 72725KV
No.A0503-6/9
Input/Output Data Format
TEST
MODE
Circuit Operation Mode
RDCL Pin
RDS-ID/READY Pin
0
0
Master read out mode
Clock output
RDS-ID output
0
1
Slave read out mode
Clock input
READY output
1
0
Standby mode (crystal oscillator stopped)
-
-
1
1
IC test mode which is not available to user applications.
-
-
RST Pin
RST = 0
Normal operation
RST = 1
RDS-ID
• demodulation circuit clear + READY • memory clear (when slave mode)
RDS-ID/READY Pin
Master mode
RDS-ID output (Active-high)
Slave mode
READY output (Active-high)
Note: RDS-ID(READY) pin is an n-channel open-drain output, and requires an external pull-up resistor to output data.
RDCL/RDDA Output Timing in Master Mode
RDS-ID Output Timing
Note: RDS-ID is High: data with high RDS reliability, Low: data with low RDS reliability
421
µs 421µs
17
µs
17
µs
Tp1
Tp21
RDCL output
RDDA output
RDDA
RDCL
High/Low
High/Low
High/Low
High/Low
High/Low
High/Low
High/Low
RDS-ID


Número de pieza similar - LC72725KM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results

Descripción similar - LC72725KM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
LC72725KV ONSEMI-LC72725KV Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
   RDS Demodulation IC
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com