Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC723662 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LC723662
Descripción Electrónicos  CMOS IC Electronic tuning radio for car audio ETR Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723662 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC723662 Datasheet HTML 1Page - Sanyo Semicon Device LC723662 Datasheet HTML 2Page - Sanyo Semicon Device LC723662 Datasheet HTML 3Page - Sanyo Semicon Device LC723662 Datasheet HTML 4Page - Sanyo Semicon Device LC723662 Datasheet HTML 5Page - Sanyo Semicon Device LC723662 Datasheet HTML 6Page - Sanyo Semicon Device LC723662 Datasheet HTML 7Page - Sanyo Semicon Device LC723662 Datasheet HTML 8Page - Sanyo Semicon Device LC723662 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LC723661, 723662, 723663
No.0460-4/12
Electrical Characteristics in the allowable operating ranges
Ratings
Parameter
Symbol
Pins
min
typ
max
unit
IIH1
XIN : VI = VDD = 5.0V
2.0
5.0
15
µA
IIH2
FMIN, AMIN, HCTR, LCTR: VI = VDD = 5.0V
4.0
10
30
µA
Input high-level current
IIH3
PA, PB, PD, PE, PF, PG, PH, PI, PK, PL, PM, PN, PO,
PQ, PR, PS-PORT, SNS, HOLD, RESET, HCTR,
LCTR: VI = VDD = 5.0V
(with the ports PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
PQ, PR, and PS-PORT set to input mode)
3
µA
IIL1
XIN : VI = VDD = VSS
2.0
5.0
15
µA
IIL2
FMIN, AMIN, HCTR, LCTR: VI = VDD = VSS
4.0
10
30
µA
Input low-level current
IIL3
PA, PB, PD, PE, PF, PG, PH, PI, PK, PL, PM, PN, PO,
PQ, PR, PS-PORT, SNS, HOLD, RESET, HCTR, LCTR:
VI = VSS
(with the ports PB, PD, PE, PF, PG, PK, PL, PM, PN, PO,
PQ, PR, and PS-PORT set to input mode)
3
µA
Hysteresis
VH
PD, PE, PF, PG, PK-PORT, RESET,
LCTR (in period measurement)
0.1VDD
0.2VDD
V
VOH1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO, PQ, PR,
PS-PORT: IO = -1mA
VDD-1.0
V
VOH2
EO1, EO2: IO = -500µA
VDD-1.0
V
Output high-level voltage
VOH3
XOUT: IO = -200µA
VDD-1.0
V
VOL1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO, PQ, PR,
PS-PORT: IO = -1mA
1.0
V
VOL2
EO1, EO2: IO = -500µA
1.0
V
VOL3
XOUT : IO = -200µA
1.5
V
Output low-level voltage
VOL4
PJ-PORT : IO = -5mA
2.0
V
IOFF1
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO, PQ, PR,
PS-PORT
-3
+3
µA
IOFF2
EO1, EO2
-100
+100
nA
Output off leakage
current
IOFF3
PJ-PORT
-5
+5
µA
A/D conversion error
ADI0 to ADI7
-1.5
+1.5
LSB
Rejected pulse width
PREJ1
SNS
50
µs
Power down detection
voltage
VDET
2.7
3.0
3.3
V
IDD1
VDD1 : FIN2 = 130MHz Ta = 25°C
5
10
mA
IDD2
VDD1 : FIN2 = 130MHz Ta = 25°C
5.5
11
mA
IDD3
VDD2 : Halt mode Ta = 25°C, X’tal : 4.5 MHz
*1 (Fig. 1)
0.45
mA
IDD4
VDD2 : Halt mode Ta = 25°C, X’tal : 7.2MHz
0.55
mA
IDD5
Backup mode (OSC stopped)
VDD = 5.5V, Ta = 25°C
*2 (Fig. 2)
5
µA
Power supply current
IDD6
Backup mode (OSC stopped)
VDD = 2.5V, Ta = 25°C
*2 (Fig. 2)
1
µA
*1: Twenty instruction steps are executed every millisecond. The PLL, universal counter, and other functions are stopped.


Número de pieza similar - LC723662

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72366 SANYO-LC72366 Datasheet
181Kb / 13P
   Single-Chip PLL Microcontrollers
More results

Descripción similar - LC723662

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com