Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX77144 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

No. de pieza CX77144
Descripción Electrónicos  Power Amplifier Module for CDMA (887-925 MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77144 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button CX77144 Datasheet HTML 4Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 5Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 6Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 7Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 8Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 9Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 10Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 11Page - Skyworks Solutions Inc. CX77144 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
POWER AMPLIFIER MODULE FOR CDMA (887–925 MHZ)
DATA SHEET • CX77144
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
102047A • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • June 9, 2004
9
Package Dimensions and Pin Descriptions
The CX77144 is a multi-layer laminate base, overmold
encapsulated modular package designed for surface mount solder
attachment to a printed circuit board. Figure 9 is a mechanical
drawing of the pad layout for this package. Figure 10 shows the
pin names and the pin numbering convention, which starts with
pin 1 in the upper left and increments counter-clockwise around
the package. Figure 11 illustrates typical case markings.
Figure 9. CX77144 Package Dimensional Drawing – All Views


Número de pieza similar - CX77144

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
More results

Descripción similar - CX77144

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7821 AVAGO-ACPM-7821 Datasheet
452Kb / 16P
   4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
MGA-43828 AVAGO-MGA-43828_15 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Broadcom Corporation.
MGA-43828 BOARDCOM-MGA-43828 Datasheet
810Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
logo
ANADIGICS, Inc
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
   925 MHz to 960 MHz Small-Cell Power Amplifier Module
logo
SIRENZA MICRODEVICES
SDM-09060-B1F SIRENZA-SDM-09060-B1F Datasheet
226Kb / 5P
   925-960 MHz Class AB 65W Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com