Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8505-B-IM Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI8505-B-IM
Descripción Electrónicos  UNIDIRECTIONAL AC CURRENT SENSORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8505-B-IM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI8505-B-IM Datasheet HTML 6Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 9Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 10Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 11Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 12Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 13Page - Silicon Laboratories SI8505-B-IM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Si85xx
10
Preliminary Rev. 0.1
2.7. FAULT Output
The FAULT output (Si8517/8/9) guards against Si85xx
output signal errors caused by missing reset cycles.
FAULT is asserted when a measurement cycle exceeds
the internal watchdog timer times limit of tWD. FAULT
can be used to alert a local microcontroller or digital
power controller of a current sense failure, or initiate a
system shutdown. To detect faults, tie a 200 k
Ω resistor
from TRST/FAULT to VDD.
3. Application Information
3.1. Board Layout
The Si85xx is connected in the series path of the current
to be measured. The Si85xx must be located as far
away from away from transformer and other magnetic
field
sources
as
possible.
Like
other
analog
components, the Si85xx should be powered from a low-
noise DC source, and preferably connected to a low
noise analog ground plane. Recommended bypass
capacitors are 1 µF in parallel with a 0.1 µF, positioned
as close to the Si85xx as possible. When using the
Si850x (single output versions), all 3 ground pins MUST
be connected to the same ground point, and both VDD
and VDD2 pins MUST be tied to VDD.
3.2. Device Configuration
Configuring the Si85xx involves the following steps:
1. Selecting an output mode
2. Configuring integrator reset timing
3. Setting integrator reset time tR
3.2.1. Device Selection
The Si85xx family offers three output modes: Single
output (Si850x), and 2 and 4-Wire Ping Pong (Si851x).
The Si851x products can be configured to operate in all
three of these output modes.
The Si850x products operate ONLY in Single output
mode. Most half-wave and single-phase applications
require only Single output mode, and will typically use
the Si850x. In Single output mode, output current
always appears on the OUT pin (Si850x) or the OUT1
pin (Si851x). A single integrator reset signal is typically
sufficient when operating in this mode.
Ping-Pong mode routes the current waveform to two
different output pins on alternate measurement cycles.
It is useful in full-wave and push-pull topologies where
external circuitry can be used to monitor and/or control
transformer flux balance. (Note: The Applications
section of this data sheet (Section 3) shows design
examples using both output modes in various power
topologies.)
2-wire Ping-Pong mode is useful mainly in non-
overlapping two-phase buck converters, but may also
be used in full-bridge applications. In this output mode,
reset inputs R1 and R2 are used, and input R3 is
grounded. Measured current appears on OUT1 when
R2 is high, and appears on OUT2 when R1 is high as
shown in the full-bridge timing example of Figure 9.
Figure 9. Full-Bridge Timing Example A
4-Wire Ping-Pong mode is recommended for full-bridge
applications over 2-wire because it uses all four inputs
making the reset function tolerant to single-point signal
failures. In 4-Wire Ping-Pong mode, current appears on
OUT2 when R1 is high and R2 is low; and appears on
OUT1 when R3 is high and R4 is low as shown in the
full-bridge timing example of Figure 10. Table 3 shows
the states of the Mode and R4 inputs that select each
output, and the resulting reset logic functions and truth
tables.
R1
R2
RESET
Si85xx State
MEASURE
OUT1
OUT2
MEASURE
RESET
tR
tR
TIME


Número de pieza similar - SI8505-B-IM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI8505-B-IM ETC2-SI8505-B-IM Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
More results

Descripción similar - SI8505-B-IM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI8513-C-IS ETC2-SI8513-C-IS Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com