Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8518-B-GM Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza SI8518-B-GM
Descripción Electrónicos  UNIDIRECTIONAL AC CURRENT SENSORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8518-B-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  SI8518-B-GM Datasheet HTML 1Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 2Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 3Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 4Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 5Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 6Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 7Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 8Page - Silicon Laboratories SI8518-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary Rev. 0.1 7/07
Copyright © 2007 by Silicon Laboratories
Si85xx
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Silicon Laboratories Confidential. Information contained herein is covered under non-disclosure agreement (NDA).
Si85xx
Si85 XX UNIDIRECTIONAL AC CURRENT SENSORS
Features
Applications
Description
The Si85xx products are unidirectional ac current sensors available in full-
scale ranges of 5, 10, and 20 A. Si85xx products are ideal upgrades for
older current-sensing technologies offering size, performance and cost
advantages over current transformers, Hall effect devices, DCR circuits
and other approaches. The Si85xx are extremely low loss, adding less
than 1.3 m
Ω of series resistance and less than 2 nH series inductance in
the sensing path at 25 ºC. Current-sensing terminals are isolated from the
other package pins to a maximum voltage of 1,000 VDC.
Functional Block Diagram
Single-chip ac current
sensor/conditioner
Low loss: Less than 1.3 m
Ω
primary series resistance;
less than 2 nH primary
inductance at 25 ºC
Leading-edge noise suppression
eliminates need for leading-edge
blanking
"Ping-Pong" output version
allows one Si85xx to replace two
current transformers in full-bridge
applications
5, 10, and 20 A full-scale versions
FAULT output helps safeguard
operation
1,000 VDC isolation
Accurate to ±5% of measurement
Large 2 VPP output pins signal at
full scale
High-side or low-side current
sensing
–40 to 125 ºC operating range
(Si85x4/5/6)
Small 4x4x1mm package
Low cost
Power supplies
Motor controls
Lighting equipment
Industrial equipment
Typical Application
VDD
VOUT
IIN
IOUT
L
C
Q1
Q2
PH1
PH2
R1
OUT
VDD1
GND2
VIN
Si850x
TRST
R2
Si851x
VDD
TRST/FAULT
IOUT
IIN
GND
INTEGRATOR
SIGNAL CONDITIONING
ADC
AUTO CALIBRATION
LOGIC
TEMP
SENSOR
OUT1
OUT2
MODE LOGIC
MODE
R1
R2
R3
R4
RESET LOGIC
GND1
Patents pending
Pin Assignments:
See page 20
12-Pin QFN
Si850x
R1
R2
GND2
GND3
OUT
NC
IIN
IOUT
Si851x
R1
R2
R3
R4
OUT1
OUT2
IIN
IOUT


Número de pieza similar - SI8518-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI8518-B-GM ETC2-SI8518-B-GM Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
More results

Descripción similar - SI8518-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI8513-C-IS ETC2-SI8513-C-IS Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com