Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3203 Datasheet(PDF) 2 Page - Silicon Laboratories

No. de pieza SI3203
Descripción Electrónicos  Quad ProSLIC짰 Programmable CMOS SLIC/Codec
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3203 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI3203 Datasheet HTML 1Page - Silicon Laboratories SI3203 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ProSLIC
Copyright © 2007 by Silicon Laboratories
7.17.07
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si3245/Si3203
Quad ProSLIC® Programmable CMOS SLIC/Codec
Parameter
Symbol
Test Condition
Min
Typical
Max
Unit
Ambient Temperature
TA
F-Grade
0
25
70
°C
G-Grade
–40
25
85
°C
Supply Voltage, Si324x
VDD
3.13
3.3
3.47
V
Supply Voltage, Si3203
VDD
3.13
3.3
3.47
V
High Battery Voltage
VBATH
–9
–110
V
Low Battery Voltage
VBATL
–9
VBATH
V
Maximum Loop Resistance
(loop + load)
RLOOP
ILOOP=18 mA, VBAT = –48 V
2000
Ω
DC Differential Output
Resistance
RDO
ILOOP < ILIM
160
640
Ω
Idle Channel Noise
C-Message weighted
8
10
dBrnC
PSRR from VDD
RX and TX, dc to 3.4 kHz
40
dB
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200 Hz to 1 kHz
58
63
dB
1 kHz to 3.4 kHz
53
58
dB
Metallic/PCM to Longitudinal Balance
200 Hz to 3.4 kHz
40
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at
TIP or RING
50
Ω
Longitudinal Current per Pin
Active off-hook
200 Hz to 3.4 kHz
30
mApk
DC Current
VTR = 0 V
50
mA
2-Wire Return Loss
200 Hz to 3.4 kHz
26
30
dB
Transhybrid Balance
300 Hz to 3.4 kHz
26
30
dB
Thermal Resistance, (eTQFP-100)
θJA
25
°C/W
Continuous Power Dissipation,
(eTQFP-100)
PD
TA = 85 °C
1.6
W
Thermal Resistance (QFN-40)
θJA
32
°C/W
Continuous Power Dissipation
(QFN-40)
PD
TA = 85 °C
1.7
W
Selected Electrical Specifications
Package Information
40-Pin QFN
100-Pin ETQFP
100
e
A1
b
A2
A
PIN 1
DESIGNATOR
1
E1
E
D1
D
L
MM
Min
Typ
Max
A
A1
A2
b
D
D1
e
E
E1
1.20
0.05
0.15
0.95
1.05
0.17 0.22 0.27
16.00
14.00
0.50
16.00
14.00
Bottom Side
Exposed Pad
5.0 x 5.0 mm
6.00 BSC
0.50 BSC
MM
Min
Typ
Max
A
A1
b
D2
e
E
E2
L
0.80 0.90 1.00
0.00 0.02 0.05
0.18 0.25 0.30
6.00 BSC
4.10 4.30 4.40
4.10 4.30 4.40
0.30 0.40 0.50
D
L1
0.03 0.05 0.08
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.10


Número de pieza similar - SI3203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3203 SILABS-SI3203 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results

Descripción similar - SI3203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com