Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5316-B-GM Datasheet(PDF) 2 Page - Silicon Laboratories

No. de pieza SI5316-B-GM
Descripción Electrónicos  PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5316-B-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  SI5316-B-GM Datasheet HTML 1Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 2Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 3Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 4Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 5Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 6Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5316-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Si5316
2
Preliminary Rev. 0.24
Table 1. Performance Specifications
(VDD = 1.8, 2.5, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Range
TA
–40
25
85
ºC
Supply Voltage
VDD
2.97
3.3
3.63
V
2.25
2.5
2.75
V
1.62
1.8
1.98
V
Supply Current
IDD
fOUT = 622.08 MHz
LVPECL format output
217
243
mA
fOUT = 19.44 MHz
CMOS format output
194
220
mA
Tristate/Sleep Mode
TBD
TBD
mA
Input/Output Clock Fre-
quency (CKIN1, CKIN2,
CKOUT)
CKF
FRQSEL[1:0] = LL
FRQSEL[1:0] = LM
FRQSEL[1:0] = LH
FRQSEL[1:0] = ML
FRQSEL[1:0] = MM
FRQSEL[1:0] = MH
19.38
38.75
77.5
155.0
310.0
620.0
22.28
44.56
89.13
178.25
356.5
710.0
MHz
Input Clocks (CKIN1, CKIN2)
Differential Voltage Swing
CKNDPP
0.25
1.9
VPP
Common Mode Voltage
CKNVCM
1.8V ±10%
0.9
1.4
V
2.5V ±10%
1.0
1.7
V
3.3V ±10%
1.1
1.95
V
Rise/Fall Time
CKNTRF
20–80%
11
ns
Duty Cycle
CKNDC
Whichever is less
40
60
%
50
ns
Output Clock (CKOUT)
Common Mode
VOCM
LVPECL
100
Ω load
line-to-line
VDD –1.42
VDD –1.25
V
Differential Output Swing
VOD
1.1
1.9
VPP
Single Ended Output Swing
VSE
0.5
0.93
V
Rise/Fall Time
CKOTRF
20–80%
230
350
ps
Duty Cycle
CKODC
45
55
%
PLL Performance
Jitter Generation
JGEN
fOUT = 622.08 MHz,
LVPECL output format
50 kHz–80 MHz
0.3
TBD
ps rms
12 kHz–20 MHz
0.3
TBD
ps rms
Jitter Transfer
JPK
—0.05
0.1
dB
Note: For a more comprehensive listing of device specifications, please consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual. This document can be downloaded from www.silabs.com/timing.


Número de pieza similar - SI5316-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5316-C-GM SKYWORKS-SI5316-C-GM Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5316-EVB SILABS-SI5316-EVB Datasheet
1Mb / 26P
   The Si531x/2x Any-Frequency Precision Clocks
More results

Descripción similar - SI5316-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com