Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5365 Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SI5365
Descripción Electrónicos  PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5365 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI5365 Datasheet HTML 1Page - Silicon Laboratories SI5365 Datasheet HTML 2Page - Silicon Laboratories SI5365 Datasheet HTML 3Page - Silicon Laboratories SI5365 Datasheet HTML 4Page - Silicon Laboratories SI5365 Datasheet HTML 5Page - Silicon Laboratories SI5365 Datasheet HTML 6Page - Silicon Laboratories SI5365 Datasheet HTML 7Page - Silicon Laboratories SI5365 Datasheet HTML 8Page - Silicon Laboratories SI5365 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Si5365
Preliminary Rev. 0.34
5
Figure 2. Si5365 Typical Application Circuit
Si5365
CKIN1+
CKIN1–
CKSEL[1:0]3
ALRMOUT
CnB
RST
CKOUT1+
CKOUT1–
Input
Clock
Sources1
Input Clock Select
Reset
Alarm Output Indicator
CKIN_n Invalid
Indicator (n = 1 to 3)
Clock
Outputs
2. Denotes tri-level input pins with states designated as L (ground), M (VDD/2), and H (VDD).
CKOUT5+
CKOUT5–
AUTOSEL2
Manual/Automatic Clock
Selection (L)
BWSEL[1:0]2
Bandwidth Select
FRQSEL[3:0]2
Frequency Select
FRQTBL2
Frequency Table Select
SFOUT[1:0]2
Signal Format Select
DBL2_BY2
DBL34
Clock Output 2 Disable/
Bypass Mode Control
Clock Outputs 3 and 4
Disable
DBL52
CKOUT5 Disable
DIV34[1:0]2
CKOUT_3 and CKOUT_4
Divider Control
CKIN4+
CKIN4–
1. Assumes differential LVPECL termination (3.3 V) on clock inputs.
Notes:
3. Assumes manual input clock selection.
Ferrite
Bead
System
Power
Supply
C10
C1–9
0.1 µF
1 µF
0.1 µF
100
0.1 µF
+
0.1 µF
100
0.1 µF
+
130
130
82
82
VDD = 3.3 V
130
130
82
82
VDD = 3.3 V


Número de pieza similar - SI5365

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si5365 SILABS-Si5365 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5365 SKYWORKS-SI5365 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5365-C-GQ SKYWORKS-SI5365-C-GQ Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
More results

Descripción similar - SI5365

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com