Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5365-B-GQ Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI5365-B-GQ
Descripción Electrónicos  PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5365-B-GQ Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI5365-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 9Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 10Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 11Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 12Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 13Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Si5365
10
Preliminary Rev. 0.34
50
DBL5
I
3-Level
CKOUT5 Disable.
This pin performs the following functions:
L = Normal operation. Output path is active and signal format is deter-
mined by SFOUT inputs.
M = CMOS signal format. Overrides SFOUT signal format to allow
CKOUT5 to operate in CMOS format while the clock outputs operate in a
differential output format.
H = Powerdown. Entire CKOUT5 divider and output buffer path is pow-
ered down. CKOUT5 output will be in tristate mode during powerdown.
58
C1A
O
LVCMOS
CKIN1 Active Clock Indicator.
This pin serves as the CKIN1 active clock indicator.
0 = CKIN1 is not the active input clock.
1 = CKIN1 is currently the active input clock to the PLL.
59
C2A
O
LVCMOS
CKIN2 Active Clock Indicator.
This pin serves as the CKIN2 active clock indicator.
0 = CKIN2 is not the active input clock.
1 = CKIN2 is currently the active input clock to the PLL.
60
61
BWSEL0
BWSEL1
I
3-Level
Bandwidth Select.
These pins are three level inputs that select the DSPLL closed loop
bandwidth according to the Any-Rate Precision Clock Family Reference
Manual.
66
67
DIV34_0
DIV34_1
I
3-Level
CKOUT3 and CKOUT4 Divider Control.
These pins control the division of CKOUT3 and CKOUT4 relative to the
CKOUT2 output frequency. Detailed operations and timing characteris-
tics for these pins may be found in the Any-Rate Precision Clock Family
Reference Manual.
68
69
70
71
FRQSEL0
FRQSEL1
FRQSEL2
FRQSEL3
I
3-Level
Multiplier Select.
These pins are three level inputs that select the input clock and clock
multiplication setting according to the Any-Rate Precision Clock Family
Reference Manual, depending on the FRQTBL setting.
77
78
CKOUT3+
CKOUT3–
OMULTI
Clock Output 3.
Differential output clock with a frequency specified by FRQSEL and
FRQTBL settings. Output is differential for LVPECL, LVDS, and CML
compatible modes. For CMOS format, both output pins drive identical sin-
gle-ended clock outputs.
Table 3. Si5365 Pin Descriptions (Continued)
Pin #
Pin Name I/O Signal Level
Description


Número de pieza similar - SI5365-B-GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5365-C-GQ SKYWORKS-SI5365-C-GQ Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
More results

Descripción similar - SI5365-B-GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com