Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5368A-B-GQ Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza SI5368A-B-GQ
Descripción Electrónicos  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5368A-B-GQ Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI5368A-B-GQ Datasheet HTML 3Page - Silicon Laboratories SI5368A-B-GQ Datasheet HTML 4Page - Silicon Laboratories SI5368A-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5368A-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5368A-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5368A-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5368A-B-GQ Datasheet HTML 9Page - Silicon Laboratories SI5368A-B-GQ Datasheet HTML 10Page - Silicon Laboratories SI5368A-B-GQ Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Si5368
Preliminary Rev. 0.3
7
2. Pin Descriptions: Si5368
Table 3. Si5368 Pin Descriptions
Pin #
Pin Name
I/O
Signal Level
Description
1, 2, 4, 20,
22, 23, 24,
25, 37, 47,
48, 50, 51,
52, 53, 56,
66, 67, 72,
73, 74, 75,
80, 85, 95
NC
No Connect.
These pins must be left unconnected for normal operation.
3RST
ILVCMOS
External Reset.
Active low input that performs external hardware reset of
device. Resets all internal logic to a known state and forces the
device registers to their default value. Clock outputs are
tristated during reset. After rising edge of RST signal, the device
will perform an internal self-calibration.
This pin has a weak pull-up.
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5368 Register Map.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
31
30
29
28
27
26
32
64
61
62
63
57
58
59
60
50
51
52
53
54
55
56
49
NC
FS_ALIGN
C2B
GND
C1B
C3B
XA
XB
VDD
SDI
NC
NC
A1
A0
GND
VDD
SDA_SDO
SCL
C2A
C1A
CS1_C4A
NC
DEC
INC
17
20
19
18
24
23
22
21
25
74
73
72
71
70
69
68
67
66
65
75
100
89
90
91
92
93
94
95
96
97
98
99
76
77
78
79
80
81
82
83
84
85
86
87
88
RST
NC
NC
VDD
GND
CS0_C3A
GND
GND
GND
NC
NC
NC
VDD
A2_SS
GND
NC
NC
NC
NC
NC
NC
VDD
NC
NC
NC
Si5368
GND PAD
INT_ALM


Número de pieza similar - SI5368A-B-GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5368A-C-GQ SKYWORKS-SI5368A-C-GQ Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Descripción similar - SI5368A-B-GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com