Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33076P1 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC33076P1
Descripción Electrónicos  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076P1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33076P1 Datasheet HTML 2Page - ON Semiconductor MC33076P1 Datasheet HTML 3Page - ON Semiconductor MC33076P1 Datasheet HTML 4Page - ON Semiconductor MC33076P1 Datasheet HTML 5Page - ON Semiconductor MC33076P1 Datasheet HTML 6Page - ON Semiconductor MC33076P1 Datasheet HTML 7Page - ON Semiconductor MC33076P1 Datasheet HTML 8Page - ON Semiconductor MC33076P1 Datasheet HTML 9Page - ON Semiconductor MC33076P1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33076
http://onsemi.com
6
1A
2A
1B
2B
Figure 14. Output Short Circuit Current
versus Temperature
VCC |VEE|, SUPPLY VOLTAGE (V)
Figure 15. Supply Current versus
Supply Voltage with No Load
TA, AMBIENT TEMPERATURE (°C)
Figure 16. Slew Rate
versus Temperature
Figure 17. Gain Bandwidth Product
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 18. Voltage Gain and Phase
versus Frequency
f, FREQUENCY (Hz)
Figure 19. Voltage Gain and Phase
versus Frequency
TA, AMBIENT TEMPERATURE (°C)
∆Vin
100Ω
100pF
80
120
160
200
240
280
f, FREQEUNCY (Hz)
80
120
160
200
280
+-
240
5.0
4.0
3.0
2.0
1.0
0
320
300
280
260
240
220
200
180
8.5
8.0
7.5
7.0
6.5
6.0
5.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
30
10
-10
-30
-50
50
30
10
-10
-30
-50
0
3.0
6.0
9.0
12
15
18
-55
-25
5.0
35
65
95
125
-55
-25
5.0
35
65
95
125
30 M
-55
-25
5.0
35
65
95
125
10 M
1.0 M
100 k
30 M
10 M
1.0 M
100 k
Source
Sink
VCC = +15 V
VEE = -15 V
VID = ±1.0 V
RL < 10 Ω
TA = +25°C
TA = +125°C
TA = -55°C
VCC = +15 V
VEE = -15 V
∆Vin = 20 Vpp
VCC = +15 V
VEE = -15 V
f = 100 Hz
RL = 100 Ω
CL = 0 pF
1A
2A
1B
2B
1A) Phase, VS = ±18 V
2A) Phase, VS = ±1.5 V
1B) Gain, VS = ±18 V
2B) Gain, VS = ±1.5 V
1A) Phase, (R = 100 Ω)
2A) Phase, (R = 100 Ω, C = 300 pF)
1B) Gain, (R = 100 Ω)
2B) Gain, (R = 100 Ω, C = 300 pF)


Número de pieza similar - MC33076P1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
More results

Descripción similar - MC33076P1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
[Old version datasheet]   LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com