Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUZ110SE3045 Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de pieza BUZ110SE3045
Descripción Electrónicos  SIPMOS짰 Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ110SE3045 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BUZ110SE3045 Datasheet HTML 1Page - Infineon Technologies AG BUZ110SE3045 Datasheet HTML 2Page - Infineon Technologies AG BUZ110SE3045 Datasheet HTML 3Page - Infineon Technologies AG BUZ110SE3045 Datasheet HTML 4Page - Infineon Technologies AG BUZ110SE3045 Datasheet HTML 5Page - Infineon Technologies AG BUZ110SE3045 Datasheet HTML 6Page - Infineon Technologies AG BUZ110SE3045 Datasheet HTML 7Page - Infineon Technologies AG BUZ110SE3045 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BUZ 110S
Data Book
6
05.99
Typ. output characteristics
ID = f (VDS)
parameter:
tp = 80 µs
0.0
0.5 1.0
1.5 2.0
2.5 3.0
3.5 4.0
V
5.0
VDS
0
20
40
60
80
100
120
140
160
A
190
BUZ110S
V
GS
[V]
a
a4.0
b
b4.5
c
c5.0
d
d5.5
e
e6.0
f
f6.5
g
g7.0
h
h7.5
i
i8.0
j
j9.0
k
k
10.0
l
Ptot = 200W
l
20.0
Typ. drain-source-on-resistance
RDS(on) = f (ID)
parameter:
VGS
0
20
40
60
80
100
120
140 A
170
ID
0.000
0.004
0.008
0.012
0.016
0.020
0.024
0.032
BUZ110S
VGS [V] =
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
l
20.0
Typ. transfer characteristics
ID= f (VGS)
parameter:
tp = 80 µs
VDS ≥ 2 x ID x RDS(on) max
2.5
3.0
3.5
4.0
4.5
5.0
V
6.0
VGS
0
10
20
30
40
50
60
A
80
Typ. forward transconductance
gfs = f(ID); Tj = 25˚C
parameter:
gfs
0
10
20
30
40
50
A
65
ID
0
5
10
15
20
25
30
35
40
45
S
55


Número de pieza similar - BUZ110SE3045

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
More results

Descripción similar - BUZ110SE3045

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPI47N10L INFINEON-SPI47N10L_02 Datasheet
114Kb / 8P
   SIPMOS짰 Power-Transistor
2002-01-09
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
   SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com