Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS42L51-CNZ Datasheet(PDF) 2 Page - Cirrus Logic

No. de pieza CS42L51-CNZ
Descripción Electrónicos  Low Power, Stereo CODEC with Headphone Amp
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51-CNZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS42L51-CNZ Datasheet HTML 1Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 2Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 3Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 4Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 5Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 6Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 7Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 8Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
2
DS679F1
CS42L51
SYSTEM FEATURES
24-bit Converters
4 kHz to 96 kHz Sample Rate
Multi-bit Delta Sigma Architecture
Low Power Operation
Stereo Playback: 12.93 mW @ 1.8 V
Stereo Record and Playback: 20.18 mW @
1.8 V
Variable Power Supplies
1.8 V to 2.5 V Digital & Analog
1.8 V to 3.3 V Interface Logic
Power Down Management
ADC, DAC, CODEC, MIC Pre-Amplifier,
PGA
Software Mode (I²C® & SPI
Control)
Hardware Mode (Stand-Alone Control)
Digital Routing/Mixes:
Analog Out = ADC + Digital In
Digital Out = ADC + Digital In
Internal Digital Loopback
Mono Mixes
Flexible Clocking Options
Master or Slave Operation
High-Impedance Digital Output Option (for
easy MUXing between CODEC and Other
Data Sources)
Quarter-Speed Mode - (i.e. Allows 8 kHz Fs
while maintaining a flat noise floor up to
16 kHz)
APPLICATIONS
HDD & Flash-Based Portable Audio Players
MD Players/Recorders
PDAs
Personal Media Players
Portable Game Consoles
Digital Voice Recorders
Digital Camcorders
Digital Cameras
Smart Phones
GENERAL DESCRIPTION
The CS42L51 is a highly integrated, 24-bit, 96 kHz, low
power stereo CODEC. Based on multi-bit, delta-sigma
modulation, it allows infinite sample rate adjustment be-
tween 4 kHz and 96 kHz. Both the ADC and DAC offer
many features suitable for low power, portable system
applications.
The ADC input path allows independent channel control
of a number of features. An input multiplexer selects be-
tween line-level or microphone level inputs for each
channel. The microphone input path includes a select-
able programmable-gain pre-amplifier stage and a low
noise MIC bias voltage supply. A PGA is available for
line or microphone inputs and provides analog gain with
soft ramp and zero cross transitions. The ADC also fea-
tures a digital volume attenuator with soft ramp
transitions. A programmable ALC and Noise Gate mon-
itor the input signals and adjust the volume levels
appropriately.
The DAC output path includes a digital signal process-
ing engine. Tone Control provides bass and treble
adjustment of four selectable corner frequencies. The
Mixer allows independent volume control for both the
ADC mix and the PCM mix, as well as a master digital
volume control for the analog output. All volume level
changes may be configured to occur on soft ramp and
zero cross transitions. The DAC also includes de-em-
phasis, limiting functions and a beep generator
delivering tones selectable across a range of two full
octaves.
The stereo headphone amplifier is powered from a sep-
arate positive supply and the integrated charge pump
provides a negative supply. This allows a ground-cen-
tered analog output with a wide signal swing and
eliminates external DC-blocking capacitors.
In addition to its many features, the CS42L51 operates
from a low-voltage analog and digital core, making this
CODEC ideal for portable systems that require ex-
tremely low power consumption in a minimal amount of
space.
The CS42L51 is available in a 32-pin QFN package in
both Commercial (-10 to +70° C) and Automotive
grades (-40 to +85° C). The CDB42L51 Customer Dem-
onstration board is also available for device evaluation
and implementation suggestions. Please see “Ordering
Information” on page 85 for complete details.


Número de pieza similar - CS42L51-CNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZR CIRRUS-CS42L51-CNZR Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
More results

Descripción similar - CS42L51-CNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com