Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HCT623DW Datasheet(PDF) 4 Page - Texas Instruments |
|
SN74HCT623DW Datasheet(HTML) 4 Page - Texas Instruments |
4 / 8 page SN54HCT623, SN74HCT623 OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCLS016C – MARCH 1984 – REVISED MARCH 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HCT623 SN74HCT623 UNIT PARAMETER (INPUT) (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT t d AorB BorA 4.5 V 18 38 58 47 ns tpd A or B B or A 5.5 V 11 34 52 42 ns OEBA A 4.5 V 36 59 89 74 t OEBA A 5.5 V 30 53 80 67 ns ten OEAB B 4.5 V 36 59 89 74 ns OEAB B 5.5 V 30 53 80 67 tt AorB 4.5 V 17 42 63 53 ns tt A or B 5.5 V 14 38 57 48 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per transceiver No load 40 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Número de pieza similar - SN74HCT623DW |
|
Descripción similar - SN74HCT623DW |