Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72F321J Datasheet(PDF) 10 Page - STMicroelectronics |
|
ST72F321J Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 189 page ST72321 10/189 PIN DESCRIPTION (Cont’d) For external pin connection guidelines, refer to See “ELECTRICAL CHARACTERISTICS” on page 138. Legend / Abbreviations for Table 1: Type: I = input, O = output, S = supply Input level: A = Dedicated analog input In/Output level: C = CMOS 0.3VDD/0.7VDD CT= CMOS 0.3VDD/0.7VDD with input trigger TT= TTL 0.8V / 2V with Schmitt trigger Output level: HS = 20mA high sink (on N-buffer only) Port and control configuration: – Input: float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog – Output: OD = open drain 2), PP = push-pull Refer to “I/O PORTS” on page 46 for more details on the software configuration of the I/O ports. The RESET configuration of each pin is shown in bold. This configuration is valid as long as the device is in reset state. Table 1. Device Pin Description Pin n° Pin Name Level Port Main function (after reset) Alternate function Input Output 1- PE4 (HS) I/O CT HS X XX X Port E4 2- PE5 (HS) I/O CT HS X XX X Port E5 3- PE6 (HS) I/O CT HS X XX X Port E6 4- PE7 (HS) I/O CT HS X XX X Port E7 52 PB0/PWM3 I/O CT X ei2 X X Port B0 PWM Output 3 63 PB1/PWM2 I/O CT X ei2 X X Port B1 PWM Output 2 74 PB2/PWM1 I/O CT X ei2 X X Port B2 PWM Output 1 85 PB3/PWM0 I/O CT X ei2 X X Port B3 PWM Output 0 9 6 PB4 (HS)/ARTCLK I/O CT HS X ei3 X X Port B4 PWM-ART External Clock 10 - PB5 / ARTIC1 I/O CT X ei3 X X Port B5 PWM-ART Input Capture 1 11 - PB6 / ARTIC2 I/O CT X ei3 X X Port B6 PWM-ART Input Capture 2 12 - PB7 I/O CT X ei3 X X Port B7 13 7 PD0/AIN0 I/O CT X X X X X Port D0 ADC Analog Input 0 14 8 PD1/AIN1 I/O CT X X X X X Port D1 ADC Analog Input 1 15 9 PD2/AIN2 I/O CT X X X X X Port D2 ADC Analog Input 2 16 10 PD3/AIN3 I/O CT X X X X X Port D3 ADC Analog Input 3 17 11 PD4/AIN4 I/O CT X X X X X Port D4 ADC Analog Input 4 18 12 PD5/AIN5 I/O CT X X X X X Port D5 ADC Analog Input 5 19 - PD6/AIN6 I/O CT X X X X X Port D6 ADC Analog Input 6 20 - PD7/AIN7 I/O CT X X X X X Port D7 ADC Analog Input 7 21 13 VAREF I Analog Reference Voltage for ADC 22 14 VSSA S Analog Ground Voltage 23 - VDD_3 S Digital Main Supply Voltage |
Número de pieza similar - ST72F321J |
|
Descripción similar - ST72F321J |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |