Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIPP111 Datasheet(PDF) 2 Page - Power Innovations Ltd

No. de pieza TIPP111
Descripción Electrónicos  NPN SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POINN [Power Innovations Ltd]
Página de inicio  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPP111 Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIPP111 Datasheet HTML 1Page - Power Innovations Ltd TIPP111 Datasheet HTML 2Page - Power Innovations Ltd TIPP111 Datasheet HTML 3Page - Power Innovations Ltd TIPP111 Datasheet HTML 4Page - Power Innovations Ltd TIPP111 Datasheet HTML 5Page - Power Innovations Ltd TIPP111 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIPP110, TIPP111, TIPP112
NPN SILICON POWER DARLINGTONS
2
MAY 1989 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 4. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
5. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts and located
within 3.2 mm from device body.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 10 mA
(see Note 4)
IB = 0
TIPP110
TIPP111
TIPP112
60
80
100
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 40 V
VCE = 50 V
VBE = 0
VBE = 0
VBE = 0
TIPP110
TIPP111
TIPP112
2
2
2
mA
ICBO
Collector-base
cut-off current
VCE = 60 V
VCE = 80 V
VCE = 100 V
IB = 0
IB = 0
IB = 0
TIPP110
TIPP111
TIPP112
1
1
1
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
2
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC = 1 A
IC = 2 A
(see Notes 4 and 5)
1000
500
VCE(sat)
Collector-emitter
saturation voltage
IB =
8 mA
IC = 2 A
(see Notes 4 and 5)
2.5
V
VBE
Base-emitter
voltage
VCE =
4 V
IC = 2 A
(see Notes 4 and 5)
2.8
V
VEC
Parallel diode
forward voltage
IE =
4 A
IB = 0
(see Notes 4 and 5)
3.5
V


Número de pieza similar - TIPP111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Innovations Ltd
TIPP115 POINN-TIPP115 Datasheet
87Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPP115 TRSYS-TIPP115 Datasheet
555Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPP116 POINN-TIPP116 Datasheet
87Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPP116 TRSYS-TIPP116 Datasheet
555Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPP117 POINN-TIPP117 Datasheet
87Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Descripción similar - TIPP111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com