Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL7700 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TL7700
Descripción Electrónicos  SUPPLY-VOLTAGE SUPERVISOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL7700 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL7700_07 Datasheet HTML 5Page - Texas Instruments TL7700_07 Datasheet HTML 6Page - Texas Instruments TL7700_07 Datasheet HTML 7Page - Texas Instruments TL7700_07 Datasheet HTML 8Page - Texas Instruments TL7700_07 Datasheet HTML 9Page - Texas Instruments TL7700_07 Datasheet HTML 10Page - Texas Instruments TL7700_07 Datasheet HTML 11Page - Texas Instruments TL7700_07 Datasheet HTML 12Page - Texas Instruments TL7700_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TL7700
SUPPLY VOLTAGE SUPERVISOR
SLVS220C − JULY 1999 − REVISED NOVEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17. VCC vs Output Test Circuit 3
VCC
Vs
GND
CT
RESET
2.2 k
30 k
510 pF
Test
Point 1
240 k
100 pF
Test
Point 2
SENSE
Figure 18. VCC vs Output Waveform 3
X-Axis = 0.2 ms/Division
TP1
TP2
detailed description
sense-voltage setting
The SENSE terminal input voltage, Vs, of the TL7700 typically is 500 mV. By using two external resistors, the
circuit designer can obtain any sense voltage over 500 mV. In Figure 19, the sensing voltage, Vs’, is calculated
as:
Vs’ = Vs × (R1 + R2)/R2
Where:
Vs = 500 mV, typically at TA = 25°C
At room temperature, Vs has a variation of 500 mV ± 5 mV. In the basic circuit shown in Figure 19, variations
of [
±5 × (R1 + R2)/R2] mV are superimposed on Vs.
VCC
Vs
GND
CT
RESET
RL
R1
R2
Ct
VCC
RESET
GND
SENSE
Figure 19


Número de pieza similar - TL7700_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results

Descripción similar - TL7700_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com