Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TYN612MRG Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza TYN612MRG
Descripción Electrónicos  12 A SCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612MRG Datasheet(HTML) 4 Page - STMicroelectronics

  TYN612MRG Datasheet HTML 1Page - STMicroelectronics TYN612MRG Datasheet HTML 2Page - STMicroelectronics TYN612MRG Datasheet HTML 3Page - STMicroelectronics TYN612MRG Datasheet HTML 4Page - STMicroelectronics TYN612MRG Datasheet HTML 5Page - STMicroelectronics TYN612MRG Datasheet HTML 6Page - STMicroelectronics TYN612MRG Datasheet HTML 7Page - STMicroelectronics TYN612MRG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ordering information scheme
TYN612M
4/8
2
Ordering information scheme
Figure 9.
On-state characteristics
(maximum values)
0.10
1.00
10.00
100.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
(A)
TM
V
(V)
TM
T =125°C
j
T =25°C
j
V =0.85V
R =0.030
T max.:
j
t0
d
Ω
TYN 6 12 M FP RG
Standard SCR
Voltage
Current
Sensitivity
Package
6 = 600V
12 = 12A
M = 5mA
FP = TO-220FPAB
Blank = TO-220AB
RG = Tube (TO-220AB)
Blank = Tube (TO-220FPAB)
Packing mode


Número de pieza similar - TYN612MRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TYN612MRG STMICROELECTRONICS-TYN612MRG Datasheet
72Kb / 7P
   Suitable to Fit modes of control found in Applications such as Voltage regulation Circuits for Motorbikes
logo
Kersemi Electronic Co.,...
TYN612MRG KERSEMI-TYN612MRG Datasheet
458Kb / 7P
   12 A SCR
More results

Descripción similar - TYN612MRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
   12 A SCR
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
   12 A SCR
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L PHILIPS-BT151-500L Datasheet
153Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
   SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
logo
Vishay Siliconix
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com