Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS2937ACW Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS2937ACW
Descripción Electrónicos  500mA Ultra Low Dropout Fixed Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2937ACW Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS2937ACW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2937ACW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2937ACW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2937ACW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2937ACW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2937ACW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS2937
4-6
2003/12 rev. B
Application Information (continued)
The next parameter which must be calculated the
maximum allowable temperature rise.
TR(max) is calculated by the using to formula:
TR(max) = TJ(max) – TA(max)
Where: TJ(max) is the maximum allowable junction
temperature, which is 125
oC for commercial
grade parts.TA(max) is the maximum ambient
temperature which will be encountered in the
application.
Using the calculated values for TR(max) and PD, the
maximum allowable value for the junction to ambient
thermal resistance,
θja, can now be found:
θja = TR(max) / PD
IMPORTANT:
if the maximum allowable value for is found to be ≥ 60
oC/W for the TO-220 package, ≥80 oC/W for the
TO-263 package, ≥150
oC/W for the TO-252 package,
or ≥170
oC/W for the SOT-223 package, no heatsink is
needed since the package alone will dissipate enough
heat to satisfy these requirements. If the calculated
value for
θja falls below these limits, a heatsink is
required.


Número de pieza similar - TS2937ACW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937CM TSC-TS2937CM Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937CM TSC-TS2937CM Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
More results

Descripción similar - TS2937ACW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
   1A Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com