Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N35S1TB-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

No. de pieza 4N35S1TB-V
Descripción Electrónicos  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N35S1TB-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  4N35S1TB-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4N35S1TB-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 4N35S1TB-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N35S1TB-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N35S1TB-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N35S1TB-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N35S1TB-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N35S1TB-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N35S1TB-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http:\\www.everlight.com
Document No:DPC-717-044 Rev. 0
September 12, 2007
4N2X Series
4N3X Series
H11AX Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.5
V
IF = 10mA
Reverse current
IR
-
-
10
µA
VR = 6V
Input capacitance
Cin
-
30
-
pF
V = 0, f = 1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Base dark current
ICBO
-
-
20
nA
VCB = 10V
-
-
50
VCE = 10V, IF=0mA
Collector-Emitter dark
current
ICEO
-
-
50
nA
VCE = 60V, IF=0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
Ic=1mA
Collector-Base
breakdown voltage
BVCBO
80
-
V
IC=0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE=0.1mA
Emitter-Base
breakdown voltage
BVEBO
7
-
-
V
IE=0.1mA
Collector-Emitter
capacitance
CCE
-
8
-
pF
VCE=0V, f=1MHz
* Typical values at Ta = 25°C


Número de pieza similar - 4N35S1TB-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
4N35S1(TA)-V EVERLIGHT-4N35S1(TA)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N35S1(TB)-V EVERLIGHT-4N35S1(TB)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Descripción similar - 4N35S1TB-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
   DIP 6 pin Darlington Phototransistor Output Photocoupler
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com