|
| S494P_1 |
|
||
|
AUK |
|
1 page
KSI-L010-001 1 S494P Pulse Width Modulation Description The S494 is a monolithic integrated circuit which includes all the necessary building blocks for the design of pulse width modulate(PWM) switching power supplies, including push-pull, bridge and series configuration. The device can operate at switching frequencies between 1KHz and 300KHz and output voltage up to 40V. The S494 is specified over an operating temperature range of -40℃to85℃. Features • Uncommitted output transistors capable of 200mA source or sink • Internal protection from double pulsing of out-puts with narrow pulse widths or with supply voltages bellows specified limits • Easily synchronized to other circuits • Dead time control comparator • Output control selects single-ended or push-pull operation Ordering Information Type NO. Marking Package Code S494P S494P DIP-16 Outline Dimensions unit : mm S Seem miiccoon nd du uccttoorr PIN Connections 1. Non-INV Input 2. INV Input 3. Feed-Back 4. Dead-Time Control 5. CT 6. RT 7. GND 8. C1 9. E1 10. E2 11. C2 12. Vcc 13 Output Control 14. Ref Out 15. INV-Input 16. Non-INV Input |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| SA03_06 | PULSE WIDTH MODULATION AMPLIFIER | 1 2 3 4 | Cirrus Logic |
| SA08_06 | PULSE WIDTH MODULATION AMPLIFIERS | 1 2 3 4 | Cirrus Logic |
| S494_1 | Pulse Width Modulation | 1 2 3 4 5 More | AUK corp |
| TL594 | Precision Switchmode Pulse Width Modulation Control Circuit | 1 2 3 4 5 More | ON Semiconductor |
| SG3526_06 | Pulse Width Modulation Control Circuit | 1 2 3 4 5 More | ON Semiconductor |
| TL494_05 | SWITCHMODE TM Pulse Width Modulation Control Circuit | 1 2 3 4 5 More | ON Semiconductor |
| MCP1630_05 | High-Speed Microcontroller-Adaptable Pulse Width Modulator | 1 2 3 4 5 More | Microchip Technology |
| EP9981-5 | 14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules | 1 | PCA ELECTRONICS INC. |
| SG3525A_05 | Pulse Width Modulator Control Circuit | 1 2 3 4 5 More | ON Semiconductor |
| SY89841U | Precision LVDS Runt Pulse Eliminator 2:1 Multiplexer | 1 2 3 4 5 More | Micrel Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |