Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMC2244 Datasheet(PDF) 4 Page - ADDtek Corp |
|
AMC2244 Datasheet(HTML) 4 Page - ADDtek Corp |
4 / 11 page AMC2244/AMC2344/AMC2444 Copyright © 2006 2006 ADDtek Corp. 4 DD006_E -- JUNE 2006 AC ELECTRICAL CHARACTERISTICS Unless otherwise specified, these specifications apply the operating ambient temperatures TA = 25°C, VS = ± 15V, AV = +1, RL = 1000Ω. AMC2244/2344/2444 Parameter Symbol Test Conditions Min Typ Max Units AV = +1 120 AV = -1 60 AV = +2 60 AV = +5 12 VS = ± 15V, AV = +10 6 -3dB Bandwidth (VOUT = 0.4V) BW VS = ± 5V, AV = +1 80 MHz VS = ± 15V 60 Gain Bandwidth Product GBWP VS = ± 5V 45 MHz Phase Margin PM RL = 1 kΩ, CL = 10 pF 50 ° Channel Separation f = 5 MHz 85 dB VS = ± 15V, RL = 1000Ω 208 270 Slew Rate (Note 1) SR VS = ± 5V, RL = 500Ω 166 V/ µs VS = ± 15V 3.33 4.3 Full Power Bandwidth (Note 3) FPBW VS = ± 5V (Note 2) 10.6 MHz Rise Time, Fall Time tr, tf 0.1V Step 3.0 ns Overshoot 0.1V Step 20 % Propagation Delay tPD 2.5 ns VS = ± 15V, 10V Step 80 Settling Time (to 0.1%, AV = +1) ts VS = ± 5V, 5V Step 60 ns Differential Gain (Note 2, 4) dG NTSC/PAL 0.04 % Differential Phase (Note 2, 4) dP NTSC/PAL 0.15 ° Input Noise Voltage (Note 2) eN 10kHz 15.0 nV/ √Hz Input Noise Current (Note 2) iN 10kHz 1.5 pA/ √Hz Note 1: Slew rate is measured on rising edge. Note 2: The parameter is guaranteed (but not tested) by design and characterization data. Note 3: For VS = ± 15V, VOUT = 20 VPP. For VS = ± 5V, VOUT = 5 VPP. Full power bandwidth is based on slew rate measurement using: SR/(2 π × VPEAK) Note 4: Video performance measured at VS = ± 15V, AV = +2 with 2 times normal video level across RL = 150Ω. This corresponds to standaard video levels across a back-terminal 75 Ω load. |
Número de pieza similar - AMC2244 |
|
Descripción similar - AMC2244 |