Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1112SJF Datasheet(PDF) 1 Page - ADDtek Corp

No. de pieza AMC1112SJF
Descripción Electrónicos  1A LOW DROPOUT POSITIVE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADDTEK [ADDtek Corp]
Página de inicio  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC1112SJF Datasheet(HTML) 1 Page - ADDtek Corp

  AMC1112SJF Datasheet HTML 1Page - ADDtek Corp AMC1112SJF Datasheet HTML 2Page - ADDtek Corp AMC1112SJF Datasheet HTML 3Page - ADDtek Corp AMC1112SJF Datasheet HTML 4Page - ADDtek Corp AMC1112SJF Datasheet HTML 5Page - ADDtek Corp AMC1112SJF Datasheet HTML 6Page - ADDtek Corp AMC1112SJF Datasheet HTML 7Page - ADDtek Corp AMC1112SJF Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.addmtek.com
Copyright
© 2007 ADDtek Corp
1
DD003_B -- MAY 2007
AMC1112
1A LOW DROPOUT
POSITIVE REGULATOR
DESCRIPTION
FEATURES
The AMC1112 of positive fixed regulators is
designed to provide 1A for applications requiring high
efficiency. All internal circuitry is designed to operated
down to 800mV input to output differential and the
dropout voltage is fully specified as a function of load
current.
The AMC1112 offers current limiting and thermal
protection. The on chip trimming adjusts the reference
voltage accuracy to 1%.
Output current of 1A typical
Three-terminal fixed 1.2V outputs
Low dropout of typical 800mV
Thermal protection built in
Typical 0.015% line regulation
Typical 0.01% load regulation
Fast transient response
Available in SOT-223 and TO-252 packages
Pin assignment identical to earlier FAN1112.
APPLICATIONS
PACKAGE PIN OUT
2.85V Model for SCSI-2 Active Termination
Battery Charger
High Efficiency Linear Regulators
Battery Powered Instrumentation
Post Regulator for Switching DC/DC Converter
3. VIN
2. VOUT
1. GND
3-Pin Plastic SOT-223
Surface Mount
(Top View)
3. VIN
2. VOUT
1. GND
3-Pin Plastic TO-252
Surface Mount
(Top View)
ORDER INFORMATION
SOT223
TO-252
TA (
OC)
SK
3-pin
SJ
3-pin
AMC1112SK (SnPb)
AMC1112SJ (SnPb)
0 to 70
AMC1112KF (Lead Free)
AMC1112SJF (Lead Free)
Note: 1.All surface-mount packages are available in Tape & Reel. Append the letter “T” to part number (i.e. AMC1112SJT).
2.The letter “F” is marked for Lead Free process.


Número de pieza similar - AMC1112SJF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-1.5 ADDTEK-AMC1117-1.5 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-1.8 ADDTEK-AMC1117-1.8 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
AMC1117-2.5 ADDTEK-AMC1117-2.5 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
More results

Descripción similar - AMC1112SJF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com