Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC2244M Datasheet(PDF) 9 Page - ADDtek Corp

No. de pieza AMC2244M
Descripción Electrónicos  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADDTEK [ADDtek Corp]
Página de inicio  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2244M Datasheet(HTML) 9 Page - ADDtek Corp

Back Button AMC2244M Datasheet HTML 3Page - ADDtek Corp AMC2244M Datasheet HTML 4Page - ADDtek Corp AMC2244M Datasheet HTML 5Page - ADDtek Corp AMC2244M Datasheet HTML 6Page - ADDtek Corp AMC2244M Datasheet HTML 7Page - ADDtek Corp AMC2244M Datasheet HTML 8Page - ADDtek Corp AMC2244M Datasheet HTML 9Page - ADDtek Corp AMC2244M Datasheet HTML 10Page - ADDtek Corp AMC2244M Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
9
DD006_E -- JUNE 2006
PACKAGE
8-Pin Plastic DIP
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.355 0.365 0.400
9.02
9.27
10.16
B
0.240 0.250 0.280
6.10
6.35
7.11
C
-
-
0.210
-
-
5.33
D
-
0.018
-
-
0.46
-
F
-
0.060
-
-
1.52
-
G
-
0.100
-
-
2.54
-
H
0.050
-
0.090
1.27
-
2.29
J
0.008
-
0.015
0.20
-
0.38
K
0.115 0.130 0.150
2.92
3.30
3.81
L
0.300 BSC.
7.62 BSC.
1
B
5
4
8
C
K
F
H
G
D
A
L
M
J
M
-
15º
-
15º
14-Pin Plastic DIP
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
0.730
-
0.810 18.54
-
20.57
B
0.240
-
0.260
6.09
-
6.60
C
-
-
0.200
-
-
5.08
D
0.015
-
0.020
0.38
-
0.51
F
0.03
-
0.060
0.76
-
1.52
G
0.100 BSC
2.54 BSC
H
0.050
-
0.090
1.27
-
2.28
J
0.008
-
0.015
0.20
-
0.38
K
0.125
-
-
3.18
-
-
L
0.300 BSC
7.62 BSC
M-
-
15
°
-
-
15
°
14
1
A
H
L
D
F
G
K
8
7
B
C
J
M


Número de pieza similar - AMC2244M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC22C11 TI-AMC22C11 Datasheet
1Mb / 33P
[Old version datasheet]   AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
APRIL 2022
AMC22C11 TI-AMC22C11 Datasheet
2Mb / 43P
[Old version datasheet]   AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11 TI-AMC22C11 Datasheet
2Mb / 43P
[Old version datasheet]   AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11-Q1 TI-AMC22C11-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
AMC22C11-Q1 TI-AMC22C11-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
REVISED AUGUST 2022
More results

Descripción similar - AMC2244M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2242C ELANTEC-EL2242C Datasheet
703Kb / 10P
   Dual Fast Single-Supply Unity-Gain Stable Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com