Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC2596-X.XPF Datasheet(PDF) 6 Page - ADDtek Corp

No. de pieza AMC2596-X.XPF
Descripción Electrónicos  150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADDTEK [ADDtek Corp]
Página de inicio  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2596-X.XPF Datasheet(HTML) 6 Page - ADDtek Corp

Back Button AMC2596-X.XPF Datasheet HTML 2Page - ADDtek Corp AMC2596-X.XPF Datasheet HTML 3Page - ADDtek Corp AMC2596-X.XPF Datasheet HTML 4Page - ADDtek Corp AMC2596-X.XPF Datasheet HTML 5Page - ADDtek Corp AMC2596-X.XPF Datasheet HTML 6Page - ADDtek Corp AMC2596-X.XPF Datasheet HTML 7Page - ADDtek Corp AMC2596-X.XPF Datasheet HTML 8Page - ADDtek Corp AMC2596-X.XPF Datasheet HTML 9Page - ADDtek Corp AMC2596-X.XPF Datasheet HTML 10Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AMC2596
Copyright
© 2006 ADDtek Corp.
6
DD008_A -- JUNE 2006
CHARACTERIZATION CURVES (continued)
Typical application circuit, TJ =25°C, unless otherwise specified.
VOUT
0.5A
3A
5V
Time:100µs/ Div
ILOAD
Load Transient Response


Número de pieza similar - AMC2596-X.XPF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC2596-3.3 ETC1-AMC2596-3.3 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
AMC2596-5.0 ETC1-AMC2596-5.0 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
AMC2596-ADJ ETC1-AMC2596-ADJ Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
More results

Descripción similar - AMC2596-X.XPF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101 Datasheet
382Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
   150 KHz, 3A Asynchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com