Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC7637 Datasheet(PDF) 3 Page - ADDtek Corp

No. de pieza AMC7637
Descripción Electrónicos  ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADDTEK [ADDtek Corp]
Página de inicio  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7637 Datasheet(HTML) 3 Page - ADDtek Corp

  AMC7637 Datasheet HTML 1Page - ADDtek Corp AMC7637 Datasheet HTML 2Page - ADDtek Corp AMC7637 Datasheet HTML 3Page - ADDtek Corp AMC7637 Datasheet HTML 4Page - ADDtek Corp AMC7637 Datasheet HTML 5Page - ADDtek Corp AMC7637 Datasheet HTML 6Page - ADDtek Corp AMC7637 Datasheet HTML 7Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMC7637
Copyright
© 2007 ADDtek Corp.
3
DD053_C
--
JUNE 2007
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Input Voltage
VIN
NOTE
7
V
Load Current (with adequate heat sinking)
I
O
5
300
mA
Input Capacitor (VIN to GND)
0.1
µF
Output Capacitor with ESR of 10
Ω max. (V
OUT to GND)
1.0
µF
Operating ambient temperature range
TA
-40
85
OC
Operating junction temperature
TJ
125
OC
Note : VIN(MIN) = VOUT + VDROP
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = VO(TYP) + 1V, IO = 10mA, COUT = 2.2µF, TA=25
OC, and are for DC characteristics only.
(Low duty cycle pulse
testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
VO
IO = 10mA
-2
+2
%
Line Regulation
∆V
OI
VIN = (VO + 0.5V) to 8V
0.1
0.3
%/V
10mA
≤ I
O ≤100mA
15
30
Load Regulation
∆V
OL
10mA
≤ I
O ≤ 300mA
45
80
mV
VO(NOM)≦2.0V
300
IO = 100mA
VO=VO(NOM)-2.0% 2.0V<V
O(NOM)
200
1.3V≦VO(NOM)≦2.0V
1300
2.0V<VO(NOM)≦2.8V
600
Dropout Voltage
VDROP
IO = 300mA
VO=VO(NOM)-2.0%
2.8<VO(NOM)
500
mV
Ground Pin Current
IQ
IO = 10mA~300mA
15
30
µA
Current Limit
ICL
VIN = VOUT+ 0.5V
350
mA
Output Voltage
Temperature Coefficient
IO=100mA, -40
°
C
≤ T
J ≤ 125
°
C
±100
ppm/
OC


Número de pieza similar - AMC7637

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
AMC7635-1.5 ADDTEK-AMC7635-1.5 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
AMC7635-1.8 ADDTEK-AMC7635-1.8 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
AMC7635-2.0 ADDTEK-AMC7635-2.0 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
AMC7635-2.5 ADDTEK-AMC7635-2.5 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
More results

Descripción similar - AMC7637

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
HTC Korea TAEJIN Techno...
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8883 A-POWER-APE8883 Datasheet
51Kb / 7P
   300mA ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com