|
| AMC34063A |
|
||
|
ADDTEK |
|
6 page
AMC34063A Copyright © 2006 ADDtek Corp. 6 DD014_E -- JUNE 2006 Figure 3 – Voltage Inverting Converters Note: For step-up, step-down or voltage inverting applications requiring peak current greater than 1.5A, external boost current circuitry by NPN or PNP transistors can be used. 1.25V Reference C T 1500pF -12V/100mA V OUT 1000uF 4 3 L 1N5819 88uH 2 1 Q2 Q1 V IN 3.6K 5 6 1.2K 4.5V to 6.0V 100uF Ipk Oscillator R 7 Q S 8 0.24 Rsc 8.2K 953 R1 R2 Co |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LM3677 | 3MHz 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits | Coming Soon | National Semiconductor |
| UC3842A_05 | CURRENT MODE PWM CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| AP1580 | PWM CONTROL 3A STEP-DOWN CONVERTER | 1 2 3 4 5 More | Diodes Incorporated |
| GM34063 | 1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT | 1 2 3 4 5 More | Gamma Microelectronics Inc. |
| SVA-SC24 | 25 WATT DC-DC CONVERTER | 1 2 | List of Unclassifed Manufacturers |
| RTQ030P02 | DC-DC Converter -20V -3.0A | 1 2 3 4 5 | Rohm |
| MAX15020 | 2A 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming | 1 2 3 4 5 More | Maxim Integrated Products |
| TDA4600 | CONTROL IC FOR LINE ISOLATED FREELY OSCILLATING FLYBACK CONVERTER | 1 2 3 4 5 More | Motorola, Inc |
| NCP1410_05 | 250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector | 1 2 3 4 5 More | ON Semiconductor |
| RTF015P02 | DC-DC Converter -20V -1.5A | 1 2 3 4 5 | Rohm |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |