Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC76385-3.3 Datasheet(PDF) 5 Page - ADDtek Corp

No. de pieza AMC76385-3.3
Descripción Electrónicos  450mA LOW DROPOUT REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADDTEK [ADDtek Corp]
Página de inicio  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC76385-3.3 Datasheet(HTML) 5 Page - ADDtek Corp

  AMC76385-3.3 Datasheet HTML 1Page - ADDtek Corp AMC76385-3.3 Datasheet HTML 2Page - ADDtek Corp AMC76385-3.3 Datasheet HTML 3Page - ADDtek Corp AMC76385-3.3 Datasheet HTML 4Page - ADDtek Corp AMC76385-3.3 Datasheet HTML 5Page - ADDtek Corp AMC76385-3.3 Datasheet HTML 6Page - ADDtek Corp AMC76385-3.3 Datasheet HTML 7Page - ADDtek Corp AMC76385-3.3 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMC7638
Copyright
© 2007 ADDtek Corp.
5
DD054_N -- MAY 2007
CHARACTERIZATION CURVES (Continued)
Quiescent Current vs. Temperature
0
2
4
6
8
10
12
14
16
18
20
-40
-20
0
2040
6080
100
120
TA (oC)
Load Transient Response
Time: 100µs/ Div
Io = 50mA
VIN=5V
CIN = 1 uF
COUT = 4.7 uF
Load Transient Response
Io = 100mA
VIN=5V
CIN = 1 uF
COUT = 4.7 uF
Time: 100µs/ Div


Número de pieza similar - AMC76385-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
AMC76386-DMF ADDTEK-AMC76386-DMF Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
More results

Descripción similar - AMC76385-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
   5mA~450mA Constant Current Regulator
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com