Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5313-CB Datasheet(PDF) 1 Page - AUK corp

No. de pieza SI5313-CB
Descripción Electrónicos  IRED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

SI5313-CB Datasheet(HTML) 1 Page - AUK corp

  SI5313-CB Datasheet HTML 1Page - AUK corp SI5313-CB Datasheet HTML 2Page - AUK corp SI5313-CB Datasheet HTML 3Page - AUK corp SI5313-CB Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-O2Q001-000
1
SI5313-C / SI5313-C(B)
IRED
2
1
0.60 Max.
5.60~6.00
2
1
1.20 Min.
4.80~5.20
8.70~9.10
1.40 Max.
2.20~3.20
0.05 Typ.
23.00 Min.
2.54 Typ.
4.80~5.20
8.70~9.10
1.40 Max.
23.00 Min.
2.54 Typ.
0.60 Max.
5.60~6.00
0.05 Typ.
1.00 Min.
1.00 Min.
Features
• Colorless transparency lens type
• φ5mm(T-13/4) all plastic mold type
• Low power consumption
Applications
• Infrared remote control and free air transmission systems with low forward voltage and
comfortable radiation angle requirements in combination with PIN photodiodes or phototransistors.
Outline Dimensions
unit : mm
STRAIGHT
TYPE
STOPPER
TYPE : (B)
PIN Connections
1. Cathode
2. Anode
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r


Número de pieza similar - SI5313-CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SI5313-CB AUK-SI5313-CB Datasheet
80Kb / 3P
   IRED
More results

Descripción similar - SI5313-CB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SI5315-H AUK-SI5315-H_1 Datasheet
180Kb / 4P
   IRED
SI3317-H AUK-SI3317-H Datasheet
171Kb / 4P
   IRED
SI5313-C AUK-SI5313-C Datasheet
80Kb / 3P
   IRED
SI5313-H AUK-SI5313-H Datasheet
64Kb / 3P
   IRED
SI5314-H AUK-SI5314-H Datasheet
66Kb / 3P
   IRED
SI5313-H AUK-SI5313-H_1 Datasheet
178Kb / 4P
   IRED
SI5412-H AUK-SI5412-H Datasheet
208Kb / 4P
   IRED
SI5312-H AUK-SI5312-H Datasheet
73Kb / 3P
   IRED
SI5315-C AUK-SI5315-C_1 Datasheet
183Kb / 4P
   IRED
SI5315-C AUK-SI5315-C Datasheet
83Kb / 3P
   IRED
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com