Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM1316-D Datasheet(PDF) 2 Page - AUK corp |
|
SM1316-D Datasheet(HTML) 2 Page - AUK corp |
2 / 5 page KSD-O8G022-001 2 SM1316-D Absolute Maximum Ratings (Ta=25 oC) Characteristic Symbol Rating Unit Power dissipation PD 58 mW Forward current IF 25 mA *1Peak forward current IFP 50 mA Reverse voltage VR 4 V Operating temperature range Topr -25 80 ∼ ℃ Storage temperature range Tstg -30 100 ∼ ℃ *2Soldering temperature Tsol 240 for 10 seconds ℃ *1.Duty ratio = 1/16, Pulse width = 0.1ms *2. Recommended reflow soldering temperature profile - Preheating 150℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds Gradual cooling (Avoid quenching) Electrical / Optical Characteristics (Ta=25 oC) Characteristic Symbol Test Condition Min Typ Max Unit Forward voltage VF IF= 10mA 1.8 - 2.3 V *3Luminous intensity IV IF= 10mA 6 - 27 mcd Peak wavelength λP IF= 10mA 569 573 578 nm Spectrum bandwidth ∆λ IF= 10mA - 30 - nm Reverse current IR VR=4V - - 10 uA X - ±65 - *4Half angle θ1/2 Y IF= 10mA - ±70 - deg max. 10sec Temp (℃) Time (sec) 185 150 240 Peak Temp max. 240℃ Preheating area 150~185℃, 90±30sec max. 3℃/sec 25 Time from 25℃ to Peak Temperature max. 6min Solder area 220℃, max. 60sec max. 4℃/sec max. -6℃/sec 240 180 150 60 0 |
Número de pieza similar - SM1316-D |
|
Descripción similar - SM1316-D |