Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM1316-L Datasheet(PDF) 3 Page - AUK corp

No. de pieza SM1316-L
Descripción Electrónicos  Chip LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

SM1316-L Datasheet(HTML) 3 Page - AUK corp

  SM1316-L_1 Datasheet HTML 1Page - AUK corp SM1316-L_1 Datasheet HTML 2Page - AUK corp SM1316-L_1 Datasheet HTML 3Page - AUK corp SM1316-L_1 Datasheet HTML 4Page - AUK corp SM1316-L_1 Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KSD-O8G021-001
3
SM1316-L
*3. Luminous intensity maximum tolerance for each grade classification limit is ±18%
(The test result of IF=20mA is only for reference)
*4.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
VF / IV / λP Grade Classification (Ta=25℃)
Test Condition @ IF=20mA
Forward Voltage [V]
Luminous Intensity [mcd]
Peak Wavelength [nm]
E : 4~6
1 : 2.0~2.2
a : 558~561
F : 6~10
2 : 2.2~2.4
G : 10~17
b : 561~565
(Do not use to combine grade classification. It must be used separately grade classification)


Número de pieza similar - SM1316-L_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SM1316-L AUK-SM1316-L Datasheet
270Kb / 4P
   Chip LED Lamp
logo
KODENSHI_AUK CORP.
SM1316-L KODENSHI-SM1316-L Datasheet
196Kb / 5P
   CHip LED
More results

Descripción similar - SM1316-L_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com