Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS31 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza TPS31
Descripción Electrónicos  Silicon Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TPS31 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TPS31 Datasheet HTML 1Page - List of Unclassifed Manufacturers TPS31 Datasheet HTML 2Page - List of Unclassifed Manufacturers TPS31 Datasheet HTML 3Page - List of Unclassifed Manufacturers TPS31 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPS31 Rev. B March 2007
MECHANICAL DIMENSIONS (in inches)
F (face seal) port type
T (tube fitting) port type
Notices:
Thaler Corporation reserves the right to make changes to the product contained in this publication. Thaler Corporation assumes no responsibility for the use of
any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement.
While the information in this publication has been checked, no responsibility, however, is assumed for inaccuracies.
Thaler Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably
be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Thaler Corporation
2015 N Forbes Blvd
Tucson AZ 85745-1416
520-882-4000
www.thaler.com
5.13"
0.23"
0.16”
0.175”
S-
V-
S+
V+
1.00”
0.012”
0.165”
0.102”
0.050”
0.42”
0.617”
0.20”
0.23"
0.016”
0.175”
S-
V-
S+
V+
0.165”
0.102”
0.050”
0.012”
0.42”
0.617”
0.287”
0.089”
5.13"
1.00”
0.20”


Número de pieza similar - TPS31

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3103 TI-TPS3103 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103 TI-TPS3103 Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS310309DVB TI-TPS310309DVB Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
More results

Descripción similar - TPS31

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
logo
Honeywell Solid State E...
ASDX HONEYWELL-ASDX Datasheet
312Kb / 6P
   ASDX Series Silicon Pressure Sensors
logo
Motorola, Inc
MPX5999D MOTOROLA-MPX5999D Datasheet
84Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_09 Datasheet
131Kb / 8P
   50 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com