Nombre de pieza
         Descripción
MAX3222E_06

 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ( 26 Page)


MAXIM
100% 
Zoom Out Zoom In
 6 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
0
20
60
40
80
100
0
MAX3237E
TRANSMITTER SKEW vs. LOAD CAPACITANCE
(MBAUD = VCC)
LOAD CAPACITANCE (pF)
1000
1500
500
2000
|tPLH - tPHL|
1 TRANSMITTER AT 500kbps
4 TRANSMITTERS AT 1/16 DATA RATE
ALL TRANSMITTERS LOADED
WITH 3k
Ω + CL
-6
-2
-4
2
0
4
6
-3
-5
1
-1
3
5
2.0
3.0
3.5
2.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
VOUT-
VOUT+
1 TRANSMITTER AT 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω +1000pF
MAX3237E
TRANSMITTER OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE (MBAUD = GND)
0
10
20
30
40
50
2.0
MAX3237E SUPPLY CURRENT
vs. SUPPLY VOLTAGE (MBAUD = GND)
SUPPLY VOLTAGE (V)
3.0
3.5
2.5
4.0
4.5
5.0
1 TRANSMITTER AT 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω AND 1000pF
MAX3246E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
4000
3000
1000
2000
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
-6
0
5000
1 TRANSMITTER AT 250kbps
2 TRANSMITTERS AT 15.6kbps
VOUT-
VOUT+
4
6
8
10
12
14
16
0
MAX3246E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2000
3000
1000
4000
5000
SR+
SR-
0
10
20
30
40
50
60
0
MAX3246E
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
1000
2000
3000
4000
5000
1 TRANSMITTER AT 250kbps
2 TRANSMITTERS AT 15.6kbps
55
45
35
25
15
5
250kbps
120kbps
20kbps
0
2
4
6
8
10
12
0
MAX3237E
SLEW RATE vs. LOAD CAPACITANCE
(MBAUD = GND)
LOAD CAPACITANCE (pF)
1000
1500
500
2000
2500
3000
SR+
SR-
1 TRANSMITTER AT 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω + CL
0
10
20
30
50
40
60
70
0
MAX3237E
SLEW RATE vs. LOAD CAPACITANCE
(MBAUD = VCC)
LOAD CAPACITANCE (pF)
500
1000
1500
2000
-SLEW, 1Mbps
+SLEW, 1Mbps
1 TRANSMITTER AT FULL DATA RATE
4 TRANSMITTERS AT 1/16 DATA RATE
3k
Ω + CL LOAD EACH OUTPUT
-SLEW, 2Mbps
+SLEW, 2Mbps
0
10
20
30
40
50
0
MAX3237E
SUPPLY CURRENT vs. LOAD CAPACITANCE
WHEN TRANSMITTING DATA (MBAUD = GND)
LOAD CAPACITANCE (pF)
1000
1500
500
2000
2500
3000
250kbps
120kbps
20kbps
1 TRANSMITTER AT 20kbps, 120kbps, 250kbps
4 TRANSMITTERS AT 15.6kbps
ALL TRANSMITTERS LOADED
WITH 3k
Ω + CL
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MAX3222E_03±15kV ESD-Protected Down to 10nA 3.0V to 5.5V Up to 1Mbps True RS-232 Transceivers 1 2 3 4 5 MoreMaxim Integrated Products
ICL3225E_06±15kV ESD Protected +3V to +5.5V 1Microamp 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
SP3224E3.0V to 5.5V RS-232 Transceivers with Auto On-Line® Plus 1 2 3 4 5 MoreSipex Corporation
ISL83239E_04±15kV ESD Protected 10nA Supply- Current +3V to +5.5V 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
MAX481E_03±15kV ESD-Protected Slew-Rate-Limited Low-Power RS-485/RS-422 Transceivers 1 2 3 4 5 MoreMaxim Integrated Products
ICL3225_061 Microamp +3V to +5.5V 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
SP3080E-3088EAdvanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load Slew-Rate Limited ±15kV ESD-Protected 1 2 3 4 5 MoreSipex Corporation
MAX13481E±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors 1 2 3 4 5 MoreMaxim Integrated Products
HIN202E_05±15kV ESD-Protected +5V Powered RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
SP1486E+5V 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe 1/8th Unit Load ±15kV ESD-Protected 1 2 3 4 5 MoreSipex Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl