Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP300AIDCKR Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza TMP300AIDCKR
Descripción Electrónicos  1.8V, Resistor-Programmable TEMPERATURE SWITCH and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP300AIDCKR Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button TMP300AIDCKR Datasheet HTML 5Page - Burr-Brown (TI) TMP300AIDCKR Datasheet HTML 6Page - Burr-Brown (TI) TMP300AIDCKR Datasheet HTML 7Page - Burr-Brown (TI) TMP300AIDCKR Datasheet HTML 8Page - Burr-Brown (TI) TMP300AIDCKR Datasheet HTML 9Page - Burr-Brown (TI) TMP300AIDCKR Datasheet HTML 10Page - Burr-Brown (TI) TMP300AIDCKR Datasheet HTML 11Page - Burr-Brown (TI) TMP300AIDCKR Datasheet HTML 12Page - Burr-Brown (TI) TMP300AIDCKR Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TMP300AIDBVR
PREVIEW
SOT-23
DBV
6
3000
TBD
Call TI
Call TI
TMP300AIDBVT
PREVIEW
SOT-23
DBV
6
250
TBD
Call TI
Call TI
TMP300AIDCKR
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TMP300AIDCKRG4
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TMP300AIDCKT
ACTIVE
SC70
DCK
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TMP300AIDCKTG4
ACTIVE
SC70
DCK
6
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
5-Oct-2007
Addendum-Page 1


Número de pieza similar - TMP300AIDCKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP300AIDCKR TI-TMP300AIDCKR Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKR TI1-TMP300AIDCKR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKR TI1-TMP300AIDCKR Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
TMP300AIDCKRG4 TI-TMP300AIDCKRG4 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKRG4 TI1-TMP300AIDCKRG4 Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

Descripción similar - TMP300AIDCKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com