Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP300AIDCKRG4 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza TMP300AIDCKRG4
Descripción Electrónicos  1.8V, Resistor-Programmable TEMPERATURE SWITCH and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP300AIDCKRG4 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button TMP300AIDCKRG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 9Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 10Page - Burr-Brown (TI) TMP300AIDCKRG4 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
ANALOG TEMPERATURE OUTPUT
USING A DAC TO SET THE TRIP POINT
210kW
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
AnalogOut
OPA335
-
50
-
25
0
1.00
0.75
0.50
0.25
0
-
0.25
-
0.50
-
0.75
-
1.00
25
50
75
100
125
Temperature( C)
°
210kW
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
Open-DrainControl
Voltagesource
totesttrippoint.
DAC8560
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
The analog out or VTEMP pin is high-impedance
The trip point is easily converted by changing the
(210k
Ω). Avoid loading this pin to prevent degrading
digital-to-analog
converter
(DAC)
code.
This
the analog out value or trip point. Buffer the output of
technique can be useful for control loops where a
this pin when using it for direct thermal measurement.
large thermal mass is being brought up to the set
Figure 9 shows buffering of the analog output signal.
temperature and the OUT pin is used to control the
heating element. The analog output can be monitored
in a control algorithm that adjusts the set temperature
to prevent overshoot. Trip set voltage error versus
temperature is shown in Figure 10, which shows error
in
°C of the comparator input over temperature. An
alternative method of setting the trip point by using a
DAC is shown in Figure 11.
Figure 9. Buffering the Analog Output Signal
Figure 10. Trip Set Voltage Error vs Temperature
Figure 11. DAC Generates the Voltage-Driving TSET Pin
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP300


Número de pieza similar - TMP300AIDCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP300AIDCKRG4 TI-TMP300AIDCKRG4 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKRG4 TI1-TMP300AIDCKRG4 Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300AIDCKRG4 TI1-TMP300AIDCKRG4 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results

Descripción similar - TMP300AIDCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com