Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1981BLJSTZ-REEL2 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD1981BLJSTZ-REEL2
Descripción Electrónicos  AC ??7 SoundMAX짰 Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJSTZ-REEL2 Datasheet(HTML) 1 Page - Analog Devices

  AD1981BLJSTZ-REEL2 Datasheet HTML 1Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 2Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 3Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 4Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 5Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 6Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 7Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 8Page - Analog Devices AD1981BLJSTZ-REEL2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. 0
a
AD1981BL
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AC ’97 SoundMAX
® Codec
FUNCTIONAL BLOCK DIAGRAM
A
M
MIC1
MIC2
PHONE_IN
CD_L
CD_GND
CD_R
AUX_L
AUX_R
LINE_IN_L
MIC PREAMP
CD
DIFF AMP
MONO_OUT
HP_OUT_L
HP
MZ
LINE_OUT_L
MZ
LINE_OUT_R
HP_OUT_R
HP
G = GAIN
A = ATTENUATION
M = MUTE
Z = HIGH Z
16-BIT
-
ADC
GA
16-BIT
-
ADC
PCM FRONT
DAC RATE
M
16-BIT
-
ADC
M
16-BIT
-
ADC
PCM L/R
ADC RATE
VREF
G
VREFOUT
LINE_IN_R
CODEC CORE
ADC
AND
DAC
SLOT
LOGIC
AC '97
CONTROL
REGISTERS
EAPD
PLL
XTL_OUT XTL_IN SPDIF
SPDIF
TX
ID0
ID1
RESET
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
JS0
JS1
EAPD
AD1981BL
G
G
A
M
A
A
A
M
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
M
GA
M
M
EQ
EQ
G
G
VOLTAGE
REFERENCE
ANALOG MIXING
CONTROL LOGIC
20-BIT
-
DAC
20-BIT
-
DAC
M
G
M
G
FEATURES
AC ’97 2.3 COMPATIBLE FEATURES
S/PDIF Output, 20 Bits Data Format, Supporting
48 kHz and 44.1 kHz Sample Rates
Integrated Stereo Headphone Amplifier
Variable Sample Rate Audio
External Audio Power-Down Control
Greater than 90 dB Dynamic Range
Stereo Full-Duplex Codec
20-Bit PCM DAC
3 Analog Line-Level Stereo Inputs for
Line-In, AUX, and CD
Mono Line-Level Phone Input
Dual MIC Input with Built-In Programmable Preamp
High Quality CD Input with Ground Sense
Mono Output for Speakerphone or Internal Speaker
Power Management Support
48-Lead LQFP Package, Lead-Free Package Available
ENHANCED FEATURES
Stereo MIC Preamps Support
Built-In Digital Equalizer Function for Optimized
Speaker Sound
Full-Duplex Variable Sample Rates from 7040 Hz to
48 kHz with 1 Hz Resolution
Jack Sense Pins Provide Automatic Output Switching
Software Programmed VREFOUT Output for Biasing
Microphone and External Power Amp
Low Power 3.3 V Operation for Analog and
Digital Supplies
Multiple Codec Configuration Options


Número de pieza similar - AD1981BLJSTZ-REEL2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1981BLJSTZ-REEL AD-AD1981BLJSTZ-REEL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

Descripción similar - AD1981BLJSTZ-REEL2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1988A AD-AD1988A Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
Analog Devices
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com