Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G1117T63U Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

No. de pieza G1117T63U
Descripción Electrónicos  1A Adjustable Low-Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GMT [Global Mixed-mode Technology Inc]
Página de inicio  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1117T63U Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

  G1117T63U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1117T63U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1117T63U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1117T63U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1117T63U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1117T63U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1117T63U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1117T63U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1117T63U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Ver: 1.9
Mar 07, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G1117
Global Mixed-mode Technology Inc.
TO-92 (TD) Package
MILLIMETER
INCH
SYMBOL
MIN
MAX
MIN
MAX
A
3.35
3.86
0.132
0.152
A1
1.0414
1.55
0.041
0.061
b
0.254
0.508
0.010
0.020
E
4.34
4.85
0.171
0.191
C
0.254
0.508
0.010
0.020
L
14.53
15.04
0.572
0.592
e
1.143
1.397
0.045
0.055
G
3.683
4.191
0.145
0.165
D
4.29
4.80
0.169
0.189
D1
4.34
4.85
0.171
0.191
Package Specification
PACKAGE
Q’TY/REEL
Q’TY/BY BAG
TO-252
2,500 ea
-----
SOT-223
2,500 ea
-----
TO-92
-----
2,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
SOT-223 Package Orientation
Feed Direction
TO-252 Package Orientation
Feed Direction
SOT-223 Package Orientation
Feed Direction
SOT-223 Package Orientation
Feed Direction
TO-252 Package Orientation
C
L
E
b
e
D
D1
G
A1
A
C
L
E
b
e
D
D1
G
A1
A


Número de pieza similar - G1117T63U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
G1117 HAMAMATSU-G1117 Datasheet
172Kb / 4P
   GaAsP photodiode
logo
List of Unclassifed Man...
G1117 ETC2-G1117 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1117 HEYCO-G1117 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
logo
Global Mixed-mode Techn...
G1117-15T43U GMT-G1117-15T43U Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
G1117-15T63U GMT-G1117-15T63U Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results

Descripción similar - G1117T63U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com