Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CM37-XYDXX Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-CM37-XYDXX
Descripción Electrónicos  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM37-XYDXX Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM37-XYDXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM37-XYDXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Intensity Bin Limit Table
Intensity (mcd) at 20 mA
Bin
Min
Max
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
1
16000
21000
Tolerance for each bin limit is
±15%.
Blue Color Bin Table
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
460.0
464.0
0.1440
0.0297
0.1766
0.0966
0.1818
0.0904
0.1374
0.0374
2
464.0
468.0
0.1374
0.0374
0.1699
0.1062
0.1766
0.0966
0.1291
0.0495
3
468.0
472.0
0.1291
0.0495
0.1616
0.1209
0.1699
0.1062
0.1187
0.0671
4
472.0
476.0
0.1187
0.0671
0.1517
0.1423
0.1616
0.1209
0.1063
0.0945
5
476.0
480.0
0.1063
0.0945
0.1397
0.1728
0.1517
0.1423
0.0913
0.1327
Tolerance for each bin limit is
±0.5 nm.
Cyan Color Bin Table
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
490.0
495.0
0.0454
0.2945
0.1164
0.3889
0.1318
0.306
0.0235
0.4127
2
495.0
500.0
0.0345
0.4127
0.1057
0.4769
0.1164
0.3889
0.0082
0.5384
3
500.0
505.0
0.0082
0.5384
0.1027
0.5584
0.1057
0.4769
0.0039
0.6548
4
505.0
510.0
0.0039
0.6548
0.1097
0.6251
0.1027
0.5584
0.0139
0.7502
7
498.0
503.0
0.0132
0.4882
0.1028
0.5273
0.1092
0.4417
0.0040
0.6104
8
503.0
508.0
0.0040
0.6104
0.1056
0.6007
0.1028
0.5273
0.0080
0.7153
Tolerance for each bin limit is
±0.5 nm.
Green Color Bin Table
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
520.0
524.0
0.0743
0.8338
0.1856
0.6556
0.1650
0.6586
0.1060
0.8292
2
524.0
528.0
0.1060
0.8292
0.2068
0.6463
0.1856
0.6556
0.1387
0.8148
3
528.0
532.0
0.1387
0.8148
0.2273
0.6344
0.2068
0.6463
0.1702
0.7965
4
532.0
536.0
0.1702
0.7965
0.2469
0.6213
0.2273
0.6344
0.2003
0.7764
5
536.0
540.0
0.2003
0.7764
0.2659
0.6070
0.2469
0.6213
0.2296
0.7543
Tolerance for each bin limit is
±0.5 nm.


Número de pieza similar - HLMP-CM37-XYDXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-CM37-XYDXX HP-HLMP-CM37-XYDXX Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Descripción similar - HLMP-CM37-XYDXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com