Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CB30-PQCXX Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-CB30-PQCXX
Descripción Electrónicos  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB30-PQCXX Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB30-PQCXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQCXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB30-PQCXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Figure 5. Relative intensity vs. DC forward current.
Figure 4. Relative dominant wavelength vs. DC forward current.
Figure 1. Relative intensity vs. wavelength.
Figure 3. Forward current vs. forward voltage.
Figure 2. Forward current vs. ambient temperature.
WAVELENGTH – nm
380
430
480
530
580
630
680
1.0
CYAN
BLUE
0
0.8
0.6
0.4
0.2
GREEN
0
0
TA – AMBIENT TEMPERATURE – °C
50
80
35
10
5
15
10
20
30
40
60
70
90
20
25
30
R
θJ-A = 780 °C/W
0
35
10
5
0
3.0
30
25
20
15
2.0
1.0
FORWARD VOLTAGE – V
4.0
DC FORWARD CURRENT – mA
010
15
520
25
30
1.035
1.025
1.030
0.990
1.015
1.020
1.010
1.005
1.000
0.995
BLUE
GREEN
CYAN
0
1.6
0.2
DC FORWARD CURRENT – mA
0
5
15
30
1.2
10
25
20
1.4
0.4
1.0
0.8
0.6


Número de pieza similar - HLMP-CB30-PQCXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB30-PQC00 AVAGO-HLMP-CB30-PQC00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB30-PQCDD AVAGO-HLMP-CB30-PQCDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Descripción similar - HLMP-CB30-PQCXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com