Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CM30-M00XX Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-CM30-M00XX
Descripción Electrónicos  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM30-M00XX Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM30-M00XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM30-M00XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM30-M00XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM30-M00XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM30-M00XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM30-M00XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM30-M00XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM30-M00XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM30-M00XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 9. Recommended wave soldering profile.
Precautions
Lead Forming
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering into PC board.
• If lead forming is required before soldering, care must
be taken to avoid any excessive mechanical stress
induced to LED package. Otherwise, cut the leads of
LED to length after soldering process at room
temperature. The solder joint formed will absorb the
mechanical stress of the lead cutting from traveling to
the LED chip die attach and wirebond.
• It is recommended that tooling made to precisely
form and cut the leads to length rather than rely upon
hand operation.
Soldering Conditions
• Care must be taken during PCB assembly and
soldering process to prevent damage to LED
component.
• The closest LED is allowed to solder on board is 1.59
mm below the body (encapsulant epoxy) for those
parts without standoff.
• Recommended soldering conditions:
Manual Solder
Wave Soldering
Dipping
Pre-heat Temperature
105
°C Max.
Pre-heat Time
30 sec Max.
Peak Temperature
250
°C Max.
260
°C Max.
Dwell Time
3 sec Max.
5 sec Max.
• Wave soldering parameter must be set and
maintained according to recommended temperature
and dwell time in the solder wave. Customer is
advised to periodically check on the soldering profile
to ensure the soldering profile used is always
conforming to recommended soldering condition.
• If necessary, use fixture to hold the LED component
in proper orientation with respect to the PCB during
soldering process.
• Proper handling is imperative to avoid excessive
thermal stresses to LED components when heated.
Therefore, the soldered PCB must be allowed to cool
to room temperature, 25
°C, before handling.
• Special attention must be given to board fabrication,
solder masking, surface plating and lead holes size
and component orientation to assure solderability.
• Recommended PC board plated through hole sizes for
LED component leads:
LED Component
Plated Through
Lead Size
Diagonal
Hole Diameter
0.457 x 0.457 mm
0.646 mm
0.976 to 1.078 mm
(0.018 x 0.018 inch)
(0.025 inch)
(0.038 to 0.042 inch)
0.508 x 0.508 mm
0.718 mm
1.049 to 1.150 mm
(0.020 x 0.020 inch)
(0.028 inch)
(0.041 to 0.045 inch)
Note: Refer to application note AN1027 for more
information on soldering LED components.
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
010
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE
SUFFICIENTLY COOLED BEFORE EXERTING
MECHANICAL FORCE.


Número de pieza similar - HLMP-CM30-M00XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M00DD AVAGO-HLMP-CM30-M00DD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Descripción similar - HLMP-CM30-M00XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com