Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD54HC597F3A Datasheet(PDF) 7 Page - Texas Instruments |
|
|
CD54HC597F3A Datasheet(HTML) 7 Page - Texas Instruments |
7 / 18 page 7 MR to Q7 tPLH, tPHL CL = 50pF 4.5 - - 44 - 55 - 66 ns CL = 15pF 5 - 18 - - - - - ns Output Transition Time tTLH, tTHL CL = 50pF 4.5 - - 15 - 19 - 22 ns Input Capacitance CI CL = 50pF - - - 10 - 10 - 10 pF Power Dissipation Capacitance, (Notes 3, 4) CPD - 5 - 18.5 - - - - - pF NOTES: 3. CPD is used to determine the dynamic power consumption, per package. 4. PD =CPD VCC 2 f i + Σ (CL VCC 2 f o) where: fi = Input Frequency, fo = Output Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oCto85oC -55oC to 125oC UNITS MIN TYP MAX MIN MAX MIN MAX Test Circuits and Waveforms NOTE: Outputs should be switching from 10% VCC to 90% VCC in accordance with device truth table. For fMAX, input duty cycle = 50%. FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND PULSE WIDTH NOTE: Outputs should be switching from 10% VCC to 90% VCC in accordance with device truth table. For fMAX, input duty cycle = 50%. FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND PULSE WIDTH FIGURE 3. HC TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC CLOCK 90% 50% 10% GND VCC trCL tfCL 50% 50% tWL tWH 10% tWL + tWH = fCL I CLOCK 2.7V 1.3V 0.3V GND 3V trCL = 6ns tfCL = 6ns 1.3V 1.3V tWL tWH 0.3V tWL + tWH = fCL I tPHL tPLH tTHL tTLH 90% 50% 10% 50% 10% INVERTING OUTPUT INPUT GND VCC tr = 6ns tf = 6ns 90% tPHL tPLH tTHL tTLH 2.7V 1.3V 0.3V 1.3V 10% INVERTING OUTPUT INPUT GND 3V tr = 6ns tf = 6ns 90% CD54HC597, CD74HC597, CD74HCT597 |
Número de pieza similar - CD54HC597F3A |
|
Descripción similar - CD54HC597F3A |