|
| KK393 |
|
||
|
KODENSHI |
|
2 page
KK393 MAXIMUM RATINGS * Symbol Parameter Value Unit VCC Power Supply Voltages Single Supply Split Supplies 36 ±18 V VIDR Input Differential Voltage Range 36 V VICR Input Common Mode Voltage Range (1) -0.3 to VCC V ISC Output Short Circuit to Ground Continuous IIN Input Current, per pin (2) 50 mA TJ Junction Temperature Plastic Packages 150 °C Tstg Storage Temperature -65 to +150 °C TL Lead Temperature, 1mm from Case for 10 Seconds 260 °C PD Power Dissipation @TA=25°C Plastic Package Derate above 25 °C 570 5.7 µW mW/ °C *Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. Notes: 1. Split Power Supplies. 2. VIN<-0.3V. This input current will only exist when voltage at any of the input leads is driven negative. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC DC Supply Voltage ±2.5 or 5.0 ±15 or 30 V TA Operating Temperature, All Package Types -40 +85 °C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or VOUT)≤VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. 2 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| AP393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | Diodes Incorporated |
| AS393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ393_06 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| AS393_06 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM2903_07 | LOW POWER DUAL VOLTAGE COMPARATORS | 1 2 3 4 5 More | STMicroelectronics |
| LM2903H_05 | Low Power Dual Voltage Comparators | 1 2 3 4 5 More | STMicroelectronics |
| LM393_06 | Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | ON Semiconductor |
| LM193 | Low Power Dual Voltage Comparators | 1 2 3 4 5 More | STMicroelectronics |
| AS339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |