Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72F324BJ6B5 Datasheet(PDF) 11 Page - STMicroelectronics |
|
ST72F324BJ6B5 Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 188 page ST72324B Pin description 11/188 Figure 4. 32-pin LQFP package pinout Figure 5. 32-pin SDIP package pinout See Section 12: Electrical characteristics on page 136 for external pin connection guidelines. Refer to Section 9: I/O ports on page 53 for more details on the software configuration of the I/O ports. The reset configuration of each pin is shown in bold. This configuration is valid as long as the device is in reset state. 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 9 10 11 121314 15 16 1 2 3 4 5 6 7 8 ei1 ei3 ei0 OCMP1_A/AIN10/PF4 ICAP1_A/(HS) PF6 EXTCLK_A/(HS) PF7 AIN12/OCMP2_B/PC0 VAREF VSSA MCO/AIN8/PF0 BEEP/(HS) PF1 VPP/ICCSEL PA7 (HS) PA6 (HS) PA4 (HS) OSC1 OSC2 VSS_2 RESET ei2 eix associated external interrupt vector (HS) 20mA high sink capability 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 29 30 31 32 (HS) PB4 AIN0 / PD0 AIN14 / MOSI / PC5 ICCDATA/ MISO / PC4 ICAP1_B / (HS) PC3 ICAP2_B / (HS) PC2 AIN13 / OCMP1_B / PC1 AIN12 / OCMP2_B / PC0 EXTCLK_A / (HS) PF7 BEEP / (HS) PF1 MCO / AIN8 / PF0 VSSA VAREF AIN1 / PD1 ICAP1_A / (HS) PF6 OCMP1_A / AIN10 / PF4 PB3 PB0 PC6 / SCK / ICCCLK PC7 / SS / AIN15 PA3 (HS) PA4 (HS) PA6 (HS) PA7 (HS) VPP / ICCSEL OSC2 OSC1 VDD_2 PE0 / TDO PE1 / RDI VSS_2 RESET ei0 ei3 ei2 ei1 eix associated external interrupt vector (HS) 20mA high sink capability |
Número de pieza similar - ST72F324BJ6B5 |
|
Descripción similar - ST72F324BJ6B5 |